Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/5V2/F3 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # PCF5083H/5V2/F3
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/5V2/F3 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button PCF5083H/5V2/F3 Datasheet HTML 91Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 92Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 93Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 94Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 95Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 96Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 97Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 98Page - NXP Semiconductors PCF5083H/5V2/F3 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
1996 Oct 29
95
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.4.4.2
Loop-back mode
During TCH_LOOP mode the CP_TX_SPEECH and
CP_RX_SPEECH procedures have to be replaced by the
following procedures:
• Replacement for CP_tx_speech:
MP_read_audio_in_fifo (SCRATCH_BUFF, 160)
DB_copy_buffer (TCH_LOOP_BUFF,
SCRATCH_BUFF, 0, 0, 82)
CM_convert_tchfs_data(bfi_sig_flag)
CM_encoder_tchfs(dtx_flag, taf, facch_flag,
facch_msg[12])
CP_tx_four_normal_bursts (tsc)
• Replacement for CP_rx_speech:
CM_decoder_tchfs( )
DB_copy_buffer(SCRATCH_BUFF,
TCH_LOOP_BUFF, 0, 0, 82)
DB_fill_buffer(SCRATCH_BUFF, 0, 0, 160)
MP_write_audio_out_fifo(SCRATCH_BUFF, 160).
9.4.4.3
Initialization messages for normal mode
Before the first TDMA frame of a TCH/FS can be
processed, several initialization messages have to be sent
to the DSP. Initialization is done in 2 DMA frames as
shown in Table 72.
The first one or two results of CM_decoder_TCH are
based on only partially observed input data, since
8 successive normal bursts are needed due to
interleaving.
Table 71 Parameter nb
nb
t2s
4
0
4
8
13
17
21
25
3
1
5
9
14
18
22
10
22
6
−
15
19
23
−
5
3
7
12162024
−
611
−−−−−−
Table 72 Initialization messages
Table 73 Initialization procedures
Notes
1. Procedures to be started via EXEC_PROC in TDMA frame FN (TCH/FS normal mode).
2. t1s =FNs divided by 26 × 51;
t2s =FNs modulo 26;
t3s =FNs modulo 51.
3. The parameter nb determines the number of normal bursts to be written into the modulator output FIFO in the
initialization frame. It depends on the frame number of the 1st processed frame in accordance with Table 71.
TDMA
FRAME
EXPLANATION
FNs − 2
In this TDMA frame the message for initialization of speech CODEC, channel CODEC and ciphering are
sent to the DSP. Furthermore the modulator out FIFO is filled with the proper number of bursts and
synchronization between TDMA frame timing and speech frame timing is performed and the audio
interface is enabled by setting the IO1 pin. No data is received or transmitted within this frame.
FNs − 1
In this TDMA frame the EXEC_PROC messages for the procedures processing the data of frame FNs
are sent to the DSP. No data is received or transmitted within this frame.
FNs
In this TDMA frame the normal processing of receive and transmit data takes place.
fn
PROCEDURES(1)
NW
RX
TX
MX
FNs − 2
CP_start_TCHFS (enc_flag, dec_flag, t1s, t2s, t3s, kc[4], nb); notes 2 and 3
DB_write_register (11, 0x0100, 1); set IO1 = 1
21
000
FNs − 1
The correct value for NW must be looked-up in Table 70
‘...’
0
0
0
FNs
The correct value for NW must be looked up in Table 70
‘...’
149
164
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com