Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 129 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 125Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 126Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 127Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 128Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 129Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 130Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 131Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 132Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 143 page
background image
Rev 7, Apr 2023
• In "Debug trace timing specifications" section added row for 125 MHz for S32K388.
• Updated "Thermal characteristics" to add information on Thermal design and characteristics.
Rev 6, Nov 2022
• Added S32K388 decoupling capacitor diagrams.
• In section "Power mode transition operating behavior" tMODE_STDBYEXIT time is added as 80 us.
• In "V15 regulator (SMPS option) electrical specifications" section changed V15 output supply from 1.51V to 1.5V.
• In "5.0V (4.5V - 5.5V) GPIO Output AC Specification"
— TR_TF_50_F with condition DSE=1, SRE=0, Capacitance=25pF changed from 0.9 to 1.9 ns.
— TR_TF_50_F with condition DSE=0, SRE=0, Capacitance=50pF changed from 5.3 to 6.0 ns.
— TR_TF_50_F with condition DSE=0, SRE=1, Capacitance=50pF changed from 7.7 to 9.0 ns.
— TR_TF_50_F with condition DSE=1, SRE=1, Capacitance=50pF changed from 5.1 to 6.5 ns.
• In "3.3V (2.97V - 3.63V) GPIO Output AC Specification"
— TR_TF_33_F with condition DSE=0, SRE=0, Capacitance=25pF changed from 4 to 4.5 ns.
— TR_TF_33_F with condition DSE=1, SRE=0, Capacitance=25pF changed from 2 to 2.5 ns.
— TR_TF_33_F with condition DSE=0, SRE=0, Capacitance=50pF changed from 7 to 8 ns.
• In section "Fast External Oscillator (FXOSC)" added EXTAL_SWING_PP and VSB specs and related footnote.
Rev 5.2, Oct 2022
• Added S32K310 and S32K388 where applicable.
• Updated "overview".
• In "features":
— Updated M7 support upto 300 MHz.
— Updated Ethernet instance from one to two.
— Added Support to AES accelerator(for K388 only)
— Removed I3C instances.
• Added S32K310 and S32K388 block diagram and updated others to remove I3C.
• Updated "Feature comparison".
• Updated "Ordering information".
• In "Absolute maximum ratings":
— Added symbol "V15" as "Voltage sensing input" for S32K388 and changed max value to 2.75V for S32K358.
— Added symbol "V11" for S32K388.
• In "Voltage and current operating requirements":
— Added symbol "V15" as "Voltage sensing input" for S32K388 and updated conditions for V15 and V15_extended.
Also added a footnote to V15_extended as You must ensure that the junction temperature"...".
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
129 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com