Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 31 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 27Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 28Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 29Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 30Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 31Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 32Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 33Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 34Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 143 page
background image
6.3 Recommended Decoupling Capacitors
Table 11. Recommended Decoupling Capacitors
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
CDEC
Decoupling capacitor
(one per supply
pin) 1,2,3
70
100
—
nF
—
—
CBULK
Input supply bulk
capacitor 2,4,5,6
—
4.7
—
µF
—
—
COUT_V15_NPN
V15 (1.5V
Regulator) output
capacitor 2,7
—
2.2
—
µF
—
—
COUT_V11
V11 (1.1V
Regulator)
output capacitor (all
chips, except
S32K312, S32K311,
S32K310 and
S32K388) 2
—
2.2
—
µF
—
—
COUT_V11
V11 (1.1V
Regulator)
output capacitor
(S32K312, S32K311
& S32K310) 2
—
1
—
µF
—
—
COUT_V11
V11 (1.1V
Regulator)
output capacitor
(S32K388) 2
—
22
—
uF
—
—
COUT_V25
V25 (2.5V
Regulator) output
capacitor 2,3
140
220
—
nF
—
—
1. Optionally, 1 nF capacitors can be added in parallel to the decoupling capacitors.
2. All capacitors must be low ESR ceramic capacitors (for example, X7R). The minimum recommendation is after
considering component aging and tolerance.
3. These capacitors must be placed as close as possible to the corresponding supply and ground pins. For BGA
packages, the capacitors must be placed on the other side of the PCB to minimize the trace lengths.
4. For devices where the VDD_HV_B domain is present, if the VDD_HV_B supply is different supply from VDD_HV_A, a
dedicated bulk capacitor is needed.
5. It is also possible to use higher capacitance values (for example, 10 μF) in place of the 4.7 μF capacitor.
6. These capacitors must be placed close to the source.
7. For devices where V15 is present, the V15 regulator output capacitor and the filter capacitors are required when using an
NPN bipolar ballast transistor for the regulation stage. When V15 is supplied from an external regulator, these capacitance
recommendations can be followed in addition to the capacitance requirements of the external voltage regulator.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
31 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com