Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 75 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 71Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 72Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 73Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 74Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 75Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 76Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 77Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 78Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 143 page
background image
Table 31. Flash memory module life specifications (continued)
Symbol
Characteristic
Conditions
Min
Typical
Units
Data
retention
Minimum data retention.
Blocks with 0 - 1,000
P/E cycles.
20
—
Years
Blocks with 100,000
P/E cycles.
10
—
Years
1. Program and erase supported for factory conditions. Nominal supply values and operation at 25°C.
9.3.1 Data retention vs program/erase cycles
Graphically, Data Retention versus Program/Erase Cycles can be represented by the following figure.
The spec window represents qualified limits.
0
P/E Cycles (Sector Erases)
5
1
10
15
20
25
10
100
1000
10000
100000
1000000
Figure 34. Data retention vs program/erase cycles
9.4 Flash memory AC timing specifications
Table 32. Flash memory AC timing specifications
Symbol
Characteristic
Min
Typical
Max
Units
tdone
Time from 0 to 1 transition on the MCR[EHV] bit
initiating a program/erase until the MCR[DONE]
bit is cleared.
—
—
5
ns
tdones
Time from 1 to 0 transition on the MCR[EHV] bit
aborting a program/erase until the MCR[DONE]
bit is set to a 1.
5 plus four
system clock
periods
—
22 plus four
system clock
periods1
µs
tdrcv
Time to recover once exiting low power mode.
14 plus seven
system clock
periods2
17.5 plus
seven system
clock periods
21 plus seven
system clock
periods
µs
Table continues on the next page...
NXP Semiconductors
Flash memory specification
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
75 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com