Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 89 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 85Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 86Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 87Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 88Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 89Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 90Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 91Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 92Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 143 page
background image
12 Communication interfaces
12.1 LPSPI
The Low Power Serial Peripheral Interface (LPSPI) provides a synchronous serial bus with master and slave operations. Many
of the transfer attributes are programmable. The following table provides timing characteristics for classic LPSPI timing modes.
1. All timing is shown with respect to 50% VDD_HV_A/B thresholds.
2. All measurements are with maximum output load of 30pF (except 50pF support on K3x8 with Fast/Medium/Standard-Plus IOs),
input transition of 1 ns and pad configured DSE = 1, SRC = 0.
Table 44. LPSPI
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fperiph
Peripheral Frequenc
y 1,2,3
—
—
40
MHz
Master
—
fperiph
Peripheral Frequenc
y 1,2,3
—
—
40
MHz
Slave
—
fperiph
Peripheral Frequenc
y 1,3,4
—
—
80
MHz
Master Loopback
—
fop
Operating frequency —
—
15
MHz
Slave
1
fop
Operating frequency —
—
15
MHz
Master
1
fop
Operating
frequency 5
—
—
10
MHz
Slave_10Mbps
1
fop
Operating
frequency 5
—
—
10
MHz
Master_10Mbps
1
fop
Operating
frequency 4,6
—
—
20
MHz
Master Loopback
1
tSPSCK
SPSCK period
66
—
—
ns
Slave
2
tSPSCK
SPSCK period
66
—
—
ns
Master
2
tSPSCK
SPSCK period 4
50
—
—
ns
Master Loopback
2
tSPSCK
SPSCK period
100
—
—
ns
Master_10Mbps
2
tSPSCK
SPSCK period
100
—
—
ns
Slave_10Mbps
2
tLEAD
Enable lead time
(PCS to SPSCK
delay) 7
tSPCK/2 —
—
ns
Slave
3
tLEAD
Enable lead time
(PCS to SPSCK
delay) 7
30
—
—
ns
Master
3
tLEAD
Enable lead time
(PCS to SPSCK
delay) 4,7
30
—
—
ns
Master Loopback
3
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
89 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com