Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 60 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 56Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 57Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 58Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 59Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 60Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 61Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 62Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 63Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 143 page
background image
Table 22. RUN mode configuration options (continued)
eMIOS
8
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
3x
3x
2x
2x
2x
2x
2x
SAR_A
DC9
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
3x
3x
2x
2x
3x
3x
3x
LPCM
P10
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
All
OFF
2x
3x
All
OFF
All
OFF
OFF
OFF
OFF
1. See clocking use case examples in the Clocking chapter of the S32K3xx Reference Manual.
2. HSE_B: After start-up, the HSE core is in WFI.
3.
• FlexCAN0: Transmitting an 8-byte CAN-FD data frame at 5 Mbps, every 10 ms.
• FlexCAN1: Transmitting a 64-byte CAN-FD data frame at 2 Mbps, every 20 ms.
• FlexCAN2-5: Transmitting an 8-byte CAN data frame at 500 Kbps, every 20 ms.
4. LPUART0-15: Transmitting at 19200 bps, every 100ms.
5.
• LPSPI0: Transmitting 32 bits at 20 Mbps (GPIO Fast pads), every 5 ms.
• LPSPI1-5: Transmitting 32 bits at 1 Mbps, every 5 ms.
6. LPI2C0-1: Transmitting 3 bytes at 400 Kbps, every 100ms.
7. EMAC: ON for MII interface.
8.
• eMIOS0: 6 channels in PWM mode @ 20 KHz.
• eMIOS1-2: 8 channels in PWM mode @ 400 Hz.
9.
• SAR_ADC0: 16 channels at 400 Hz rate, BCTU triggered.
• SAR_ADC1-2: 4 channels at 20 KHz rate, BCTU triggered.
10. LPCMP0: 8 channels enabled; LPCMP1-2: 4 channels enabled.
6.9 Cyclic wake-up current
The cyclic wake-up current is the calculated average current consumption during the periodic switching between RUN mode and
STANDBY mode. This average current can be calculated with the following formula:
ICYCL = RUN Current According to Ratio + STANDBY Current According to Ratio
Where the Current According to Ratio value is calculated as follows:
Current According to Ratio = Supply Current × Ratio of Duration
As an example, the following data was obtained with an application that periodically (every 40ms) alternates between RUN mode,
for approximately 200μs to scan several GPIO inputs (51 GPIOS), and spends the rest of the time in STANDBY mode.
Table 23. Cyclic wake-up current example
Chip
Device
Operating Mode
Supply Current1
[μA]
Duration 2 [ms]
Ratio of
Duration 3
Current
According to
Ratio 4 [μA]
ICYCL -
Average current
5 [μA]
S32K314
RUN
20000
0.2
0.005
100
159.7
STANDBY
60
39.8
0.995
59.7
1. The supply current is obtained through the measurements of the current during the corresponding operating mode.
2. The duration is defined by the application (how much time will the device spend in the according operating mode).
3. The ratio of duration is obtained by dividing the duration of the corresponding operating mode by the total duration of the
application.
4. The current according to ratio is obtained by multiplying the supply current and the ratio of duration related to the proper
operating mode.
5. The average current is calculated by the addition of each device operating mode’s current according to ratio.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
60 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com