Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 12 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 8Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 9Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 10Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 11Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 12Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 13Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 14Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 15Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 143 page
background image
Fabric
Memory
8 MB Pflash with ECC
128 KB Dflash with ECC
1152 KB RAM with ECC
Incl 384 KB TCM
System
Debug/Trace (SWD/JTAG/ETB)
FXOSC (8 - 40MHz)
32ch ext. INT/WUP
Security: HSE -B
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
Lifecycle
Management
XRDC
Access control
FIRC (48MHz)
SIRC (32KHz)
SXOSC (32KHz)
2 x PLL
32ch DMA
Analog/Timers
3 x 24ch 12bit ADC
3x24ch 16bit eMIOS Timer
BCTU (Body Control Trigger Unit)
LCU (Logic Control Unit)
MPU
CRC
FCCU
EIM/ERM
SWT
Functional Safety
CMU
STCU
External Memory IF
Communication
6 x LPSPI
2 x LPI2C
2 x SAI (TDM, I2S)
Network
8 x FlexCAN,
all ch support CAN FD
2 x Ethernet, 1Gbps
AVB/TSN
Xbar (64bit)
Cortex- M0+
RAM
32ch FlexIO
Emulating
UART, I2C, SPI,
I2S, SENT, PWM
16 x LPUART (LIN)
TRNG/PRNG
3x LPCMP
CPU Platform
Lock- Step or Split- Lock
Permanent Lock
AES Accelerator
Dedicated to Communications
AES Accelerator
optimized for
Low Latency
Performance
Cortex-M7
300 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
Cortex-M7
320 MHz
FPU, DSP
I-cache
D-cache
32 bit RTC
1 x QuadSPI
4 bit data width
Figure 14. S32K388: ASIL D 8MB MCU
3 Feature comparison
The following table compares some of the prominent features related to memory and package options of these chips from the
S32K3xx family/product series:
• S32K310
• S32K311
• S32K312
• S32K322
• S32K341
• S32K342
• S32K314
• S32K324
• S32K344
• S32K328
• S32K338
• S32K348
• S32K358
• S32K388
NXP Semiconductors
Feature comparison
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
12 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com