Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 13 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 9Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 10Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 11Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 12Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 13Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 14Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 15Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 16Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 143 page
background image
Table 1. S32K3xx chip's feature comparison
Feature
Chip
S32K310 S32K311 S32K312 S32K322 S32K341 S32K342 S32K314 S32K324 S32K344 S32K328 S32K338 S32K348 S32K358 S32K3881
Safety/
ASIL
B
B
D
B
D
B
B
D
D
D
Program
flash
memory
512 KB
1 MB
2 MB
1 MB
2 MB
4 MB
8 MB
8 MB
Data flash
memory
(KB)
64
64
128
128
128
Total
RAM (KB)
112KB
(incl.
96KB
TCM)
128KB
(incl.
96KB
TCM)
192KB
(incl.
96KB
TCM)
256KB (incl. 192KB TCM)
512KB
(includin
g 96KB
TCM)
512KB (incl. 192KB
TCM)
1152KB
(incl.
192KB
TCM)
1152KB
(incl.
384KB
TCM)
1152KB
(incl.
192KB
TCM)
1152KB
(incl.
384KB
TCM)
1152KB
incl.
384KB
TCM)
Standby
RAM
16 KB
32 KB
64 KB
64 KB
Security
HSE_B
HSE B +
AES_AC
CEL
Core
quantity
1 x M7
2 x M7
1 x M7 LS
1 x M7
2 x M7
1 x M7
LS
2 x M7
3 x M7
1 x M7
LS
1xM7 LS
+ 1xM7
1xM7
LS+3xM7
or 2xM7
LS+1xM7
Frequenc
y (MHz)
120
160
240
320
DMA
channels
12
32
32
32
ASIL–B
DMIPS 2
3
277–387-760
739–
1033-
2028
—
369–
516-
1014
739–
1033-
2028
—
1108-
1550-
3043
1663–
2325-
4564
—
554–
775-
1521
739-1033
-2028 4
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com