Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 77 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 73Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 74Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 75Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 76Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 77Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 78Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 79Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 80Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 143 page
background image
Table 34. Flash Read Wait State Settings (S32K358, S32K348, S32K338, S32K328 and S32K388) (continued)
Flash Frequency
RWSC setting
120 MHz < Freq ≤ 150 MHz
4
150 MHz < Freq ≤ 180 MHz
5
180 MHz < Freq ≤ 210 MHz
6
210 MHz < Freq ≤ 240 MHz
7
240 MHz < Freq ≤ 250 MHz
8
10 Analog modules
10.1 SAR_ADC
All below specs are applicable only when one ADC instance is in operation and averaging is used or multiple ADC instances are
operational at the same time but sampling different channels. Best performance can be achieved if only one ADC is operational
at a time sampling one channel
Table 35. SAR_ADC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
ADC Supply
Voltage 1
2.97
—
5.5
V
—
—
DVREFL
VSS / VREFL
Voltage Difference 2
-100
—
100
mV
—
—
VAD_INPUT
ADC Input Voltage 3 VREFL
—
VREFH
V
—
—
fAD_CK
ADC Clock
Frequency
(S32K344,
S32K324, S32K314,
S32K342, S32K341,
S32K322)
10
—
80
MHz
—
—
fAD_CK
ADC Clock
Frequency
(S32K312,
S32K311, S32K310,
S32K358, S32K348,
S32K338, S32K328,
S32K388)
10
—
120
MHz
—
—
tSAMPLE
ADC Input Sampling
Time
275
—
—
ns
—
—
tCONV
ADC Total
Conversion Time
1
—
—
us
12-bit result
—
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
77 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com