Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 55 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 51Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 52Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 53Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 54Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 55Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 56Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 57Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 58Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 143 page
background image
8. For the maximum allowable RUN current in an application, the junction temperature must be kept below the maximum
specification, TJ < 150°C, to avoid self-heating.
9. If the total power dissipation would cause the junction temperature to be exceeded when VDD_HV_A is at 5V, then
VDD_HV_A should be limited to operate at 3.3V.
The data in this table is preliminary and based on first samples.
NOTE
Typical current numbers are indicative for typical silicon process and may vary based on the silicon distribution and user
configuration. Typical conditions assumes VDD_HV_A = VREFH = 5 V, VDD_HV_B = 5V (if the VDD_HV_B domain present in the
device), temperature = 25 °C and typical silicon process unless otherwise stated.
Table 19. Example RUN mode configuration supply currents for S32K3x8, S32K34x, S32K32x and S32K314
Chip
Ambient
Temperature
(°C)
RUN Mode (mA) 1
S32K388
25, typ 7
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
25, max 8
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
85, typ 7
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
85, max 8
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
105, typ 7
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
105, max 8
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
125, typ 7
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
125, max 8, 9
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
S32K358,
S32K348,
S32K338,
S32K328
25, typ 7
207.6
168.6
177.5
146.8
114.9 313
380.2
NA
2.1
5.3
25, max 8
229.4
188.3
197.4
167.9
135.3 340
395.9
3.2
6.0
85, typ 7
235.5
195.9
205.1
174.0
141.6 333.4
413.6
2.1
6.3
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
55 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com