Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 56 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 52Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 53Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 54Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 55Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 56Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 57Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 58Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 59Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 143 page
background image
Table 19. Example RUN mode configuration supply currents for S32K3x8, S32K34x, S32K32x and S32K314 (continued)
85, max 8
363.7
322.1
331.3
299.2
263.2 418.5
552.8
3.2
7.1
105, typ 7
263.5
223.5
233.0
201.5
168.9 360.4
446.1
2.1
6.4
105, max 8
472.4
429.8
438.8
407.1
369.8 516.5
682.8
3.2
7.1
125, typ 7
311.9
271.3
281.0
249.0
216.2 413.8
501.0
2.1
6.7
125, max 8, 9 661.0
618.2
624.6
588.8
554.2 707
844.0
3.2
7.9
S32K344,
S32K324,
S32K314
25, typ 7
119
102
106
80
68
NA
NA
NA
0.6
3.1
25, max 8
133
115
119
92
79
0.8
3.6
85, typ 7
134
116
120
94
81.8
0.6
3.2
85, max 8
180
160
165
137
123
0.8
3.9
105, typ 7
145
128
132
105
93
0.6
3.2
105, max 8
222
203
208
179
165
0.8
4.0
125, typ 7
169
151
155
128
116
0.6
3.3
125, max 8, 9
271
250
256
226
213
0.8
4.5
S32K342,
S32K322,
S32K341
25, typ 7
115.3
93.2
96.1
79.6
64.1
NA
NA
NA
0.5
3.0
25, max 8
128.9
109.3
109.8
90.9
74.5
0.8
3.6
85, typ 7
125.0
102.7
105.8
89.2
73.6
0.5
3.0
85, max 8
178.8
126.5
132.0
105.0
92.5
0.8
3.6
105, typ 7
135.2
111.9
115.5
98.6
83.4
0.5
3.1
105, max 8
219.6
184.6
188.5
168.5
152.5
0.8
3.8
125, typ 7
145.8
123.8
127.3
110.2
94.7
0.5
3.1
125, max 8, 9
258.1
235.2
243.9
206.9
183.7
0.8
4.3
1. Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
2. See the configurations in Table 22.
3. RUN IDD @ V15 includes Flash memory read current from the V11 voltage rail.
4. For S32K388, the current from a V15 supply will flow through the external NMOS for the V11 regulation stage, and into the
V11 pins of the device.
5. IO current is not included. The actual current requirements for IOs will depend on the I/O configuration in the application.
6. RUN IDD @ VDD_HV_A includes Flash memory read current from the V25 voltage rail.
7. “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A =
5.0V, VDD_HV_B = 5.0V, V15 = 1.5V, for the typical silicon process.
8. “max” is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V),
VDD_HV_A = 5.5V, VDD_HV_B = 5.5V, V15 = 1.65V, for the fast silicon process.
9. For the maximum allowable RUN current in an application, the junction temperature must be kept below the maximum
specification, TJ < 150°C, to avoid self-heating.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
56 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com