Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 54 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 50Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 51Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 52Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 53Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 54Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 55Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 56Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 57Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 143 page
background image
Table 18. RUN mode supply currents (peripherals disabled) for S32K312, S32K311, S32K310
Chip
Ambient
Temperature (°C)
RUN Mode (mA) 1
Min. Config. 2
Single Core @80 MHz
[Clock Option F]
Min. Config. 2
Single Core @120 MHz
[Clock Option B]
S32K312
25, typ 6
37
NA
37
NA
25, max 7
44
47
85, typ 6
42
43
85, max 7
58.5
59.7
105, typ 6
48.1
48.7
105, max 7
76.4
77.8
125, typ 6
56.5
57
125, max 7, 8, 9
98.7
99.9
S32K311 , S32K310
25, typ 6
34.9
NA
36.5
NA
25, max 7
39.1
41.1
85, typ 6
38.1
39.8
85, max 7
54.2
55.9
105, typ 6
41.5
43.2
105, max 7
69.1
71.1
125, typ 6
47.7
49.4
125, max 7, 8, 9
97
99.1
1. Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
2. See the configurations in Table 22.
3. IO load current is not included. The actual current requirements for IOs will depend on the I/O configuration in the
application.
4. RUN IDD @ VDD_HV_A includes Flash memory read current from the V25 voltage rail.
5. RUN IDD @ V15 includes Flash memory read current from the V11 voltage rail.
6. “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A =
5.0V, VDD_HV_B = 5.0V, V15 = 1.5V, for the typical silicon process.
7. “max” is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V),
VDD_HV_A = 5.5V, VDD_HV_B = 5.5V, V15 = 1.65V, for the fast silicon process.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
54 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com