Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 46 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 42Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 43Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 44Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 45Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 46Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 47Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 48Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 49Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 143 page
background image
Table 14. V11 regulator (NMOS ballast transistor control) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V11
V11 output
—
1.155
—
—
—
—
VTH_NMOS
Vth of external
NMOS
—
—
1.5
V
For 3.3 V supply
—
VTH_NMOS
Vth of external
NMOS
—
—
2
V
For 5.0 V supply
—
IDS_NMOS
IDS of external
NMOS
3
—
—
A
—
—
tsettle_lm
Required setting
time from V11 in
FPM to load change
10
—
—
us
—
—
CNMOS
NMOS gate stability
capacitor
—
1
—
nF
—
—
6.7 Supply currents
All data in this table is preliminary and based on first samples.
NOTE
Typical current numbers are indicative for typical silicon process and may vary based on the silicon distribution and user
configuration. Typical conditions assumes VDD_HV_A = VREFH = 5 V, VDD_HV_B = 5V (if the VDD_HV_B domain present in the
device), temperature = 25 °C, and typical silicon process unless otherwise stated. In STANDBY configuration, no current flows
through the V15 supply.
Table 15. STANDBY mode supply currents
Chip
Ambient Temperature (°C)
STANDBY 1
VDD_HV_A 2
VDD_HV_B 2
All clocks &
peripherals
OFF
(µA)
SIRC ON
(µA)
FIRC ON (24
MHz)
(mA)
All Config.
(µA)
S32K388
25, typ 3
TBD
TBD
TBD
TBD
25, max 4
TBD
TBD
TBD
TBD
85, typ 3
TBD
TBD
TBD
TBD
85, max 4
TBD
TBD
TBD
TBD
105, typ 3
TBD
TBD
TBD
TBD
105, max 4
TBD
TBD
TBD
TBD
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
46 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com