Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 97 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 93Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 94Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 95Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 96Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 97Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 98Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 99Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 100Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 143 page
background image
Table 49. Timing specification for S32K388 to S32K388 communication (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tHO
Output hold time
-15
—
—
ns
Master mode output
11
tLEAD
Enable lead time
(PCS to SPSCK
delay)
30
—
—
ns
Master mode
3
tA
Slave access time
—
—
50
ns
—
—
tDIS
Slave MISO (SOUT)
disable time
—
—
50
ns
—
—
tLAG
Enable lag time
(After SPSCK delay)
30
—
—
ns
—
—
12.5 I2C
See I/O parameters for I2C specification.
"For supported baud rate see section 'Chip-specific LPI2C information' of the Reference Manual."
12.6 FlexCAN characteristics
See I/O parameters for FlexCAN specification.
"For supported baud rate, see section 'Protocol timing' of the Reference Manual."
12.7 SAI electrical specifications
12.7.1 SAI Electrical Characteristics, Slave Mode
The following table describes the SAI electrical characteristics. Measurements are with maximum output load of 30pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97 V to 3.63 V.
Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Table 50. SAI Electrical Characteristics, Slave Mode
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S13
SAI_BCLK cycle
time (input)
80
—
—
ns
—
—
S14
SAI_BCLK pulse
width high/low
(input) 1
45
—
55
%
—
—
S15
SAI_RXD input
setup before
SAI_BCLK
8
—
—
ns
—
—
S16
SAI_RXD input hold
after SAI_BCLK
2
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
97 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com