Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 20 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 16Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 17Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 18Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 19Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 20Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 21Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 22Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 23Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 143 page
background image
5.2 Voltage and current operating requirements
Device functionality is guaranteed down to the LVR assert level, however electrical performance of 12-bit ADC,
CMP with 8-bit DAC, IO electrical characteristics, and communication modules electrical characteristics will be
degraded when voltage drops below 2.97 V.
NOTE
The VDD_HV_B and V15 voltage supply domains are only present in certain devices and packages (S32K388, S32K358,
S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342, S32K341, S32K322).
The VDD_DCDC supply voltage is only present in certain devices and packages (S32K358, S32K348, S32K338,
S32K328, S32K388).
Table 3. Voltage and current operating requirements
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
Main I/O and analog
supply voltage 1
2.97
3.3 or 5.0 5.5
V
—
—
VDD_HV_B
Secondary I/O
supply voltage 1
2.97
3.3 or 5.0 5.5
V
—
—
VDD_DCDC
Supply voltage for
the SMPS gate
driver 1,2
2.97
3.3 or 5.0 5.5
V
—
—
V15
Voltage sensing
input 1,3
1.425
1.5
1.65
V
For S32K388
—
V15
High-current logic
supply input
voltage 1,3
1.425
1.5
1.65
V
For all S32K3xx
variants except
S32K388
—
V15_extended
High-current logic
supply input
voltage, extended
range 1,3,4,5
1.425
3.3 or 5.0 5.5
V
For S32K322,
S32K341, S32K342,
S32K314, S32K324,
S32K344
—
VREFH
ADC high reference
voltage 1,6
2.97
3.3 or 5.0 5.5
V
—
—
VREFL
ADC low reference
voltage 1
-0.1
0
0.1
V
—
—
VSS_DCDC
Power ground for the
SMPS gate driver 1
-0.1
0
0.1
V
—
—
V25
Flash memory
and clock
supply (2.5 V),
internally regulated 1
—
2.5
—
V
—
—
V11
High-current core
logic supply input 1
—
1.14
—
V
For S32K388
—
V11
Core logic supply
(1.1 V), internally
regulated 1
—
1.14
—
V
For all S32K3xx
variants except
S32K388.
—
Table continues on the next page...
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
20 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com