Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 104 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 100Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 101Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 102Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 103Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 104Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 105Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 106Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 107Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 143 page
background image
Figure 52. MII transmit diagram
12.8.3 Ethernet RMII (10/100 Mbps)
The following timing specs are defined at the device I/O pin and must be translated appropriately to arrive at timing specs/
constraints for the physical interface. Measurements are with maximum output load of 25pF, input transition of 1ns and pad
configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97 V to 3.63 V. Valid pin combinations to be
referred from K3xx*_Use sheet in IOmux.
Table 54. Ethernet RMII (10/100 Mbps)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
—
RMII input
clock frequency
(RMII_CLK)
—
—
50
MHz
10/100 Mbps
—
RMII1,RMII5
RMII_CLK pulse
width high
35
—
65
%RMII_C
LK period
—
—
RMII2,RMII6
RMII_CLK pulse
width low
35
—
65
%RMII_C
LK period
—
—
RMII3
RXD[1:0], CRS_DV,
RXER to RMII_CLK
setup
4
—
—
ns
—
—
RMII4
RMII_CLK to
RXD[1:0], CRS_DV,
RXER hold
2
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
104 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com