Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 5Page - OSRAM GmbH AS7341L Datasheet HTML 6Page - OSRAM GmbH AS7341L Datasheet HTML 7Page - OSRAM GmbH AS7341L Datasheet HTML 8Page - OSRAM GmbH AS7341L Datasheet HTML 9Page - OSRAM GmbH AS7341L Datasheet HTML 10Page - OSRAM GmbH AS7341L Datasheet HTML 11Page - OSRAM GmbH AS7341L Datasheet HTML 12Page - OSRAM GmbH AS7341L Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Document Feedback
AS7341L
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 8
4
Absolute Maximum Ratings
Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. All voltages with respect
to GND/PGND. Device parameters are guaranteed at VDD=1.8 V and TA=25 °C unless otherwise
noted.
Figure 5
Absolute Maximum Ratings of AS7341L
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD / VGND
Supply Voltage to Ground
-0.3
2.2
V
Applicable for pin VDD
VANA_MAX
Analog Pins
-0.3
3.6
V
Applicable for pin LDR
VDIG_MAX
Digital Pins
-0.3
3.6
V
Applicable for pins
SCL,SDA and INT
ISCR
Input Current (latch-up
immunity)
± 100
mA
JEDEC JESD78D Nov
2011
IO
Output Terminal Current
-1
20
mA
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 2000
V
JS-001-2014
ESDCDM
Electrostatic Discharge CDM
± 500
V
JEDEC JESD22-C101F
Temperature Ranges and Storage Conditions
TA
Operating Ambient Temperature
-30
85
°C
TSTRG
Storage Temperature Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative Humidity (non-
condensing)
5
85
%
MSL
Moisture Sensitivity Level
3
Maximum floor life time of
168h
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com