Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 14Page - OSRAM GmbH AS7341L Datasheet HTML 15Page - OSRAM GmbH AS7341L Datasheet HTML 16Page - OSRAM GmbH AS7341L Datasheet HTML 17Page - OSRAM GmbH AS7341L Datasheet HTML 18Page - OSRAM GmbH AS7341L Datasheet HTML 19Page - OSRAM GmbH AS7341L Datasheet HTML 20Page - OSRAM GmbH AS7341L Datasheet HTML 21Page - OSRAM GmbH AS7341L Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Document Feedback
AS7341L
Functional Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 17
8
Functional Description
Upon power-up (POR), the device initializes. During initialization (typically 200
μs), the device will
deterministically send NAK on I²C and cannot accept I²C transactions. All communication with the
device must be delayed and all outputs from the device must be ignored including interrupts. After
initialization, the device enters the SLEEP state. In this operational state, the internal oscillator and
other circuitry are not active, resulting in ultra-low power consumption. If an I²C transaction occurs
during this state, the I²C core wakes up temporarily to service the communication. Once the Power ON
bit,
“PON”, is enabled, the device enters the IDLE state in which the internal oscillator and attendant
circuitry are active, but power consumption remains low. Whenever the spectral measurement is
enabled
(SP_EN = “1”) the device enters the ACTIVE state. If the spectral measurement is disabled
(SP_EN = “0”) the device returns to the IDLE state. The Figure 19 below describes a simplified state
diagram and the typical supply currents in each state.
If Sleep after Interrupt is enabled
(SAI = “1” in register 0xAC), the state machine will enter SLEEP
when an interrupt occurs. Entering SLEEP does not automatically change any of the register settings
(e.g. PON bit is still high, but the normal operational state is over-ridden by SLEEP state). SLEEP
state is terminated when the SAI_ACTIVE bit is cleared (the status bit is in register 0xA7 Figure 64
and the clear status bit is in register 0xFA).
Figure 19:
Simplified State Diagram
Power On
VDD > VDD_POR
PON = 1"
SPM = 1"
SLEEP
IDD = 0.7µA (typ)
IDLE
IDD = 35µA (typ)
ACTIVE
Spectral
IDD = 115µA (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com