Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 40 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 36Page - OSRAM GmbH AS7341L Datasheet HTML 37Page - OSRAM GmbH AS7341L Datasheet HTML 38Page - OSRAM GmbH AS7341L Datasheet HTML 39Page - OSRAM GmbH AS7341L Datasheet HTML 40Page - OSRAM GmbH AS7341L Datasheet HTML 41Page - OSRAM GmbH AS7341L Datasheet HTML 42Page - OSRAM GmbH AS7341L Datasheet HTML 43Page - OSRAM GmbH AS7341L Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 39
REVID Register (Address 0x91)
Figure 52:
REVID Register
Addr: 0x91
REVID
Bit
Bit Name
Default
Access
Bit Description
7:3
reserved
reserved
2:0
REV_ID
000
R
Revision Number Identification
ID Register (Address 0x92)
Figure 53:
ID Register
Addr: 0x92
ID
Bit
Bit Name
Default
Access
Bit Description
7:2
ID
001001
R
Part Number Identification
Value 001001
1:0
reserved
reserved
10.2.5
Spectral Interrupt Configuration
The spectral interrupt threshold registers provide 16-bit values to be used as the high and low
thresholds for comparison to the 16-bit CH0_DATA values (ADC CH0). If SP_IEN (register 0xF9) is
enabled and CH0_DATA is not between the two thresholds for the number of consecutive
measurements specified in APERS (register 0xBD) an interrupt is set.
SP_TH_L_LSB Register (Address 0x84)
Figure 54:
SP_TH_L_LSB Register
Addr: 0x84
SP_TH_L_LSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_L_LSB
0x00
RW
Spectral Low Threshold LSB
This register provides the low byte of the low
interrupt threshold (CH0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com