Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 13 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 9Page - OSRAM GmbH AS7341L Datasheet HTML 10Page - OSRAM GmbH AS7341L Datasheet HTML 11Page - OSRAM GmbH AS7341L Datasheet HTML 12Page - OSRAM GmbH AS7341L Datasheet HTML 13Page - OSRAM GmbH AS7341L Datasheet HTML 14Page - OSRAM GmbH AS7341L Datasheet HTML 15Page - OSRAM GmbH AS7341L Datasheet HTML 16Page - OSRAM GmbH AS7341L Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Document Feedback
AS7341L
Optical Characteristics
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 12
Figure 12:
Optical Characteristics of Channel F6, AGAIN: 64x, Integration Time: 27.8 ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_F6
Irradiance responsivity
channel F6(2)
LED: Warm white 2700 K(3)
Ee = 107.67
μW/cm2
840
counts
λp
Center wavelength(1)
580
590
600
nm
FWHM
Full width half maximum(1)
40
nm
(1)
Parameter measured on a production ongoing sample bases on glass using diffused light
(2)
The following diffuser is used in final test on top of AS7341L: ED1-C50
(3)
Refer to Figure 15:
Typical LED Spectra Used in Final Test of AS7341L
Figure 13:
Optical Characteristics of Channel F7, AGAIN: 64x, Integration Time: 27.8 ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_F7
Irradiance responsivity
channel F7(2)
LED: Warm white 2700 K(3)
Ee = 107.67
μW/cm²
1350
counts
λp
Center wavelength(1)
620
630
640
nm
FWHM
Full width half maximum(1)
50
nm
(1)
Parameter measured on a production ongoing sample bases on glass using diffused light
(2)
The following diffuser is used in final test on top of AS7341L: ED1-C50
(3)
Refer to Figure 15:
Typical LED Spectra Used in Final Test of AS7341L
Figure 14:
Optical Characteristics of Channel F8, AGAIN: 64x, Integration Time: 27.8 ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_F8
Irradiance responsivity
channel F8(2)
LED: Warm white 2700K(3)
Ee = 107.67
μW/cm²
1070
counts
λp
Center wavelength(1)
670
680
690
nm
FWHM
Full width half
maximum(1)
52
nm
(1)
Parameter measured on a production ongoing sample bases on glass using diffused light
(2)
The following diffuser is used in final test on top of AS7341L: ED1-C50
(3)
Refer to Figure 15:
Typical LED Spectra Used in Final Test of AS7341L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com