Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 29 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 25Page - OSRAM GmbH AS7341L Datasheet HTML 26Page - OSRAM GmbH AS7341L Datasheet HTML 27Page - OSRAM GmbH AS7341L Datasheet HTML 28Page - OSRAM GmbH AS7341L Datasheet HTML 29Page - OSRAM GmbH AS7341L Datasheet HTML 30Page - OSRAM GmbH AS7341L Datasheet HTML 31Page - OSRAM GmbH AS7341L Datasheet HTML 32Page - OSRAM GmbH AS7341L Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 28
10.2.1
Enable and Configuration Register
The following registers are needed to power up and configure the device. To operate the device set bit
PON = “1” first (register 0x80) after that configure the device and enable interrupts before setting
SP_EN = “1”. Changing configuration while SP_EN = “1” may result in invalid results. Register
CONFIG (0x70) is used to set the INT_MODE (SYNS, SYND).
ENABLE Register (Address 0x80)
Figure 32:
ENABLE Register
Addr: 0x80
ENABLE
Bit
Bit Name
Default
Access
Bit Description
7:5
reserved
0
RW
reserved
4
SMUXEN
0
RW
SMUX Enable.
1: Starts SMUX command
Note: This bit gets cleared automatically as soon as
SMUX operation is finished
3
WEN
0
RW
Wait Enable.
0: Wait time between two consecutive spectral
measurements disabled
1: Wait time between two consecutive spectral
measurements enabled
2
reserved
0
RW
reserved
1
SP_EN
0
RW
Spectral Measurement Enable.
0: Spectral Measurement Disabled
1: Spectral Measurement Enabled
0
PON
0
RW
Power ON.
0: AS7341L disabled
1: AS7341L enabled
Note: When bit is set, internal oscillator is activated,
allowing timers and ADC channels to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com