Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 29Page - OSRAM GmbH AS7341L Datasheet HTML 30Page - OSRAM GmbH AS7341L Datasheet HTML 31Page - OSRAM GmbH AS7341L Datasheet HTML 32Page - OSRAM GmbH AS7341L Datasheet HTML 33Page - OSRAM GmbH AS7341L Datasheet HTML 34Page - OSRAM GmbH AS7341L Datasheet HTML 35Page - OSRAM GmbH AS7341L Datasheet HTML 36Page - OSRAM GmbH AS7341L Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 32
10.2.2
ADC Timing Configuration / Integration Time
The integration time in INT_MODE = “00” and “01” (SPM/SYNS) is set using the ATIME (0x81) and
ASTEP (0xCA, 0xCB) registers. The integration time, in milliseconds, is equal to:
Equation 1: Setting the Integration Time
������������������������ = (������������������������������ + 1) × (������������������������������ + 1) × 2.78µ������
The reset value for ASTEP is 999 (2.78 ms) and the recommended configuration for these two
registers is ASTEP = 599 and ATIME = 29, which results in an integration time of 50 ms. It is not
allowed that both settings
–ATIME and ASTEP – are set to “0”.
The integration time also defines the full-scale ADC value, which is equal to:
Equation 2: ADC Full Scale Value
������������������������������������������������������������������������ = (������������������������������ + 1) × (������������������������������ + 1)
ATIME Register (Address 0x81)
Figure 39:
ATIME Register
Addr: 0x81
ATIME
Bit
Bit Name
Default
Access
Bit Description
7:0
ATIME
0x00
RW
Integration time.
Sets the number of integration steps from 1 to 256.
Value
Integration Time
0
ASTEP
n
ASTEP x (n+1)
255
256 x ASTEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com