Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 38 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 34Page - OSRAM GmbH AS7341L Datasheet HTML 35Page - OSRAM GmbH AS7341L Datasheet HTML 36Page - OSRAM GmbH AS7341L Datasheet HTML 37Page - OSRAM GmbH AS7341L Datasheet HTML 38Page - OSRAM GmbH AS7341L Datasheet HTML 39Page - OSRAM GmbH AS7341L Datasheet HTML 40Page - OSRAM GmbH AS7341L Datasheet HTML 41Page - OSRAM GmbH AS7341L Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 37
AZ_CONFIG Register (Address 0xD6)
The following register configures how often the spectral engine offsets are reset (auto zero) to
compensate for changes of the device temperature. The typical time auto zero needs to be completed
is 15 ms.
Figure 48:
AZ_CONFIG Register
Addr: 0xD6
AZ_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7:0
AZ_NTH_ITERATION
255
RW
AUTOZERO FREQUENCY.
Sets the frequency at which the device performs auto
zero of the spectral engines.
Note: If
FDEN = “1” auto zero is also done for ADC 5.
VALUE
AUTOZERO FREQUENCY
0
Never (not recommended)
1
Every integration cycle
2
Every 2 cycles
Every “AZ_NTH_ITERATION” cycle
254
Every 254 cycles
255
Only before first measurement cycle
AGC_GAIN_MAX Register (Address 0xCF)
Figure 49:
AGC_GAIN_MAX Register
Addr: 0xCF
AGC_GAIN_MAX
Bit
Bit Name
Default
Access
Bit Description
7:4
reserved
9
RW
reserved
3:0
AGC_AGAIN_MAX
9
RW
AGC Gain Max.
Sets the maximum gain for AGC engine to
2������������������_������������_������������������������_������������������
Default value is 9 (256x). The range can be set from
0 (0.5x) to 10 (512x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com