Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 21 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 17Page - OSRAM GmbH AS7341L Datasheet HTML 18Page - OSRAM GmbH AS7341L Datasheet HTML 19Page - OSRAM GmbH AS7341L Datasheet HTML 20Page - OSRAM GmbH AS7341L Datasheet HTML 21Page - OSRAM GmbH AS7341L Datasheet HTML 22Page - OSRAM GmbH AS7341L Datasheet HTML 23Page - OSRAM GmbH AS7341L Datasheet HTML 24Page - OSRAM GmbH AS7341L Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Document Feedback
AS7341L
Functional Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 20
8.4
SMUX
The device integrates a multiplexer (SMUX). With the SMUX, it is possible to map all available photo
diodes to one of the six available light-to-frequency converter (ADC0 to ADC5). After power up of the
device the SMUX needs to be configured before a spectral measurement is started. ams provides
reference codes and an application note on how to configure the SMUX.
8.5
Integration Mode
The device features three modes to perform a spectral measurement. The integration mode
(INT_MODE) can be configured in register 0x70 (CONFIG). For auto zero configuration refer to
Figure 48 register 0xD6.
Figure 22:
Integration Mode Description
Mode
Description
Synchronization
Integration Time
Registers
SPM (spectral
measurement,
no sync)
INT_MODE = 0x0
Default setting:
Integration is started with bit SP_EN
= “1”. Integration Time is set by
register ATIME and ASTEP.
No
ATIME [7:0]
ASTEP [15:0]
SP_EN
= “1”
INT_MODE = 0x0
ATIME [7:0]
ASTEP [15:0]
WTIME [7:0]
SYNS (spectral
measurement,
start sync)
INT_MODE = 0x1
Integration with external start:
Integration is started with
rising/falling edge on pin GPIO.
Integration Time is set by register
ATIME and ASTEP.
Yes (start)
ATIME [7:0]
ASTEP [15:0]
SP_EN
= “1”
INT_MODE = 0x1
ATIME [7:0]
ASTEP [15:0]
WTIME [7:0]
SYND (spectral
measurement,
start/stop sync)
INT_MODE = 0x3
Integration with external start and
stop:
Integration is controlled via
rising/falling edge on pin GPIO and
register EDGE. If the number of
edges on pin GPIO is reached,
integration time is stopped. Actual
integration time can be read out in
register “ITIME”.
Yes (start/stop)
Rising/falling edge
on pin GPIO and
register EDGE[7:0]
SP_EN
= “1”
INT_MODE = 0x3
EDGE [7:0]
ITIME [23:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com