Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 28Page - OSRAM GmbH AS7341L Datasheet HTML 29Page - OSRAM GmbH AS7341L Datasheet HTML 30Page - OSRAM GmbH AS7341L Datasheet HTML 31Page - OSRAM GmbH AS7341L Datasheet HTML 32Page - OSRAM GmbH AS7341L Datasheet HTML 33Page - OSRAM GmbH AS7341L Datasheet HTML 34Page - OSRAM GmbH AS7341L Datasheet HTML 35Page - OSRAM GmbH AS7341L Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 31
INTENAB Register (Address 0xF9)
Figure 37:
INTENAB Register
Addr: 0xF9
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
ASIEN
0
RW
Spectral Detect Saturation Interrupt Enable.
When asserted permits saturation interrupts to be
generated.
6:4
reserved
reserved
3
SP_IEN
0
RW
Spectral Interrupt Enable.
When asserted permits interrupts to be generated,
subject to the spectral thresholds and persistence
filter. Bit is mirrored in the ENABLE register.
2
F_IEN
0
RW
FIFO Buffer Interrupt Enable.
When asserted permits interrupt to be generated
when FIFO_LVL exceeds the FIFO threshold
condition.
1
reserved
0
reserved
0
SIEN
RW
System Interrupt Enable.
When asserted permits system interrupts to be
generated. Indicates that SMUX operation has
finished.
CONTROL Register (Address 0xFA)
Figure 38:
CONTROL Register
Addr: 0xFA
CONTROL
Bit
Bit Name
Default
Access
Bit Description
7:3
reserved
0
reserved
2
SP_MAN_AZ
0
RW
Spectral Engine Manual Autozero.
Starts a manual autozero of the spectral engines.
Set SP_EN = 0 before starting a manual autozero for
it to work.
1
FIFO_CLR
0
RW
FIFO Buffer Clear.
Clears all FIFO data, FINT, FIFO_OV, and
FIFO_LVL.
0
CLEAR_SAI_ACT
0
RW
Clear Sleep-After-Interrupt Active.
Clears SAI_ACTIVE, ends sleep, and restarts device
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com