Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 54 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 50Page - OSRAM GmbH AS7341L Datasheet HTML 51Page - OSRAM GmbH AS7341L Datasheet HTML 52Page - OSRAM GmbH AS7341L Datasheet HTML 53Page - OSRAM GmbH AS7341L Datasheet HTML 54Page - OSRAM GmbH AS7341L Datasheet HTML 55Page - OSRAM GmbH AS7341L Datasheet HTML 56Page - OSRAM GmbH AS7341L Datasheet HTML 57Page - OSRAM GmbH AS7341L Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 53
10.2.9
FIFO Buffer Data and Status
The FIFO buffer is used to poll spectral data with fewer I²C read and write transactions. The FIFO
buffer is 256 bytes of RAM containing 128 two-byte datasets. If the FIFO overflows (i.e. 129 datasets
before host reads data from the FIFO buffer), an overflow flag will be set and new data will be lost.
The Host acquires data by reading addresses: 0xFE
– 0xFF. The register address pointer
automatically wraps from 0xFF to 0xFE as data are read. Data can be read one byte at a time or in
blocks, (there is no block-read length limit). When reading single bytes, the internal FIFO read pointer
and the FIFO Buffer Level, FIFO_LVL, are updated each time register 0xFF is read. For block-reads,
the internal FIFO read pointer and the FIFO Buffer Level, FIFO_LVL update for each two-byte entry. If
the FIFO continues to be accessed after FIFO_LVL = 0, the device will return 0 for all data. The FINT
interrupt indicates when there is valid data in the FIFO buffer. The amount of unread data is indicated
by the FIFO_LVL.
FIFO_MAP Register (Address 0xFC)
Figure 83:
FIFO_MAP Register
Addr: 0xFC
FIFO_MAP
Bit
Bit Name
Default
Access
Bit Description
7
reserved
0
reserved
6
FIFO_WRITE_CH5_DATA
0
RW
FIFO Write CH5 Data.
If set, CH5 data is written to the FIFO Buffer. (two
bytes per sample).
5
FIFO_WRITE_CH4_DATA
0
RW
FIFO Write CH4 Data.
If set, CH4 data is written to the FIFO Buffer. (two
bytes per sample)
4
FIFO_WRITE_CH3_DATA
0
RW
FIFO Write CH3 Data.
If set, CH3 data is written to the FIFO Buffer. (two
bytes per sample)
3
FIFO_WRITE_CH2_DATA
0
RW
FIFO Write CH2 Data.
If set, CH2 data is written to the FIFO Buffer. (two
bytes per sample)
2
FIFO_WRITE_CH1_DATA
0
RW
FIFO Write CH1 Data.
If set, CH1 data is written to the FIFO Buffer. (two
bytes per sample)
1
FIFO_WRITE_CH0_DATA
0
RW
FIFO Write CH0 Data.
If set, CH0 data is written to the FIFO Buffer. (two
bytes per sample)
0
FIFO_WRITE_ASTATUS
0
RW
FIFO Write Status.
If set, ASTATUS (one byte per sample) is written
to the FIFO Buffer.
In case SP_AGC_ENABLE = 1, ASTATUS should
be written to FIFO buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com