Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 51 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 47Page - OSRAM GmbH AS7341L Datasheet HTML 48Page - OSRAM GmbH AS7341L Datasheet HTML 49Page - OSRAM GmbH AS7341L Datasheet HTML 50Page - OSRAM GmbH AS7341L Datasheet HTML 51Page - OSRAM GmbH AS7341L Datasheet HTML 52Page - OSRAM GmbH AS7341L Datasheet HTML 53Page - OSRAM GmbH AS7341L Datasheet HTML 54Page - OSRAM GmbH AS7341L Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 50
Addr: 0xA9
CFG0
Bit
Bit Name
Default
Access
Bit Description
4
REG_BANK
0
RW
Register Bank Access
0: Register access to register 0x80 and above
1: Register access to register 0x60 to 0x74
Note: Bit needs to be set to access registers 0x60 to
0x74. If registers 0x80 and above needs to be
accessed bit needs to be set to “0”.
3
reserved
0
reserved
2
WLONG
0
RW
Trigger Long.
Increases the WTIME setting by a factor of 16.
1:0
reserved
0
reserved
CFG3 Register (Address 0xAC)
Figure 79:
CFG 3 Register
Addr: 0xAC
CFG3
Bit
Bit Name
Default
Access
Bit Description
7:5
reserved
0
reserved
4
SAI
0
RW
Sleep After Interrupt.
If set, the oscillator is turned off whenever an
interrupt is active. SAI_ACTIVE is set in this event.
To activate the oscillator again, clear all interrupts
and clear the SAI_ACTIVE bit.
3:0
reserved
0xC
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com