Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 37 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 33Page - OSRAM GmbH AS7341L Datasheet HTML 34Page - OSRAM GmbH AS7341L Datasheet HTML 35Page - OSRAM GmbH AS7341L Datasheet HTML 36Page - OSRAM GmbH AS7341L Datasheet HTML 37Page - OSRAM GmbH AS7341L Datasheet HTML 38Page - OSRAM GmbH AS7341L Datasheet HTML 39Page - OSRAM GmbH AS7341L Datasheet HTML 40Page - OSRAM GmbH AS7341L Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 36
CFG10 Register (Address 0xB3)
Figure 47:
CFG10 Register
Addr: 0xB3
CFG10
Bit
Bit Name
Default
Access
Bit Description
7:6
AGC_H
3
RW
AGC High Hysteresis.
Sets the data threshold at which AGAIN is reduced
when spectral AGC mode is enabled. The threshold
is automatically calculated internally as a percentage
of full-scale. Note that full-scale is equal to (ATIME +
1) x (ASTEP + 1).
VALUE
SIGNAL
0
50%
1
62.5%
2
75%
3
87.5%
5:4
AGC_L
3
RW
AGC Low Hysteresis.
Sets the data threshold at which AGAIN is increased
when spectral AGC mode is enabled. The threshold
is automatically calculated internally as a percentage
of full-scale. Note that full-scale is equal to (ATIME +
1) x (ASTEP + 1).
VALUE
SIGNAL
0
12.5%
1
25%
2
37.5%
3
50%
3:0
reserved
2
RW
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com