Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 46 Page - OSRAM GmbH

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 42Page - OSRAM GmbH AS7341L Datasheet HTML 43Page - OSRAM GmbH AS7341L Datasheet HTML 44Page - OSRAM GmbH AS7341L Datasheet HTML 45Page - OSRAM GmbH AS7341L Datasheet HTML 46Page - OSRAM GmbH AS7341L Datasheet HTML 47Page - OSRAM GmbH AS7341L Datasheet HTML 48Page - OSRAM GmbH AS7341L Datasheet HTML 49Page - OSRAM GmbH AS7341L Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 45
STATUS 6 Register (Address 0xA7)
Figure 64:
STATUS 6 Register
Addr: 0xA7
STATUS 6
Bit
Bit Name
Default
Access
Bit Description
7
FIFO_OV
0
R
FIFO Buffer Overflow.
Indicates that the FIFO buffer overflowed and
information has been lost. Bit is automatically
cleared when the FIFO buffer is read
6
reserved
0
R
reserved
5
OVTEMP
0
R
Over Temperature Detected.
Indicates the device temperature is too high. Write 1
to clear this bit.
4:3
reserved
0
reserved
2
SP_TRIG
0
R
Spectral Trigger Error.
Indicates that there is a timing error. The WTIME is
too short for the selected ATIME.
1
SAI_ACT
0
R
Sleep after Interrupt Active.
Indicates that the device is in SLEEP due to an
interrupt. To exit SLEEP mode, clear this bit.
0
INT_BUSY
0
R
Initialization Busy.
Indicates that the device is initializing. This bit will
remain 1 for about 300
μs after power on. Do not
interact with the device until initialization is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com