Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 60 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 56Page - OSRAM GmbH 4LS15K Datasheet HTML 57Page - OSRAM GmbH 4LS15K Datasheet HTML 58Page - OSRAM GmbH 4LS15K Datasheet HTML 59Page - OSRAM GmbH 4LS15K Datasheet HTML 60Page - OSRAM GmbH 4LS15K Datasheet HTML 61Page - OSRAM GmbH 4LS15K Datasheet HTML 62Page - OSRAM GmbH 4LS15K Datasheet HTML 63Page - OSRAM GmbH 4LS15K Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 115 page
background image
Document Feedback
4LS
Digital Interface
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 59
Parameter
Description
Min
Maximum
Unit
VOH
High Level Output Voltage
VDDIO
– 0.6
VDDIO + 0.6
V
Figure 88:
AC Electrical Conditions
Parameter
Description
Min
Maximum
Unit
FSCLK
SCLK Frequency.
< 1/4 of MCLK up to
12.5 MHz
V
TLS1
Time from falling edge of N_CS to first
rising edge of SCLK.
50
ns
TLS2
Time form last falling edge of SCLK to
the rising edge of N_CS.
50
ns
TSET
Time between MOSI stable and rising
edge of SCLK.
10
ns
TLH
Time between SPI cycles (between
rising and falling edge of N_CS);
minimum SPI idle time.
1
ns
THold
Time that MOSI need to be stable
after the rising edge of SCLK.
5
ns
TDelay
Time between falling edge of SCLK
and stable data on MISO.
10
ns
TRise
Rise time for SPI signals.
2
20
ns
TFall
Fall time for SPI signals.
2
20
ns
Figure 89:
Time Guard Between Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com