Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 53 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 49Page - OSRAM GmbH 4LS15K Datasheet HTML 50Page - OSRAM GmbH 4LS15K Datasheet HTML 51Page - OSRAM GmbH 4LS15K Datasheet HTML 52Page - OSRAM GmbH 4LS15K Datasheet HTML 53Page - OSRAM GmbH 4LS15K Datasheet HTML 54Page - OSRAM GmbH 4LS15K Datasheet HTML 55Page - OSRAM GmbH 4LS15K Datasheet HTML 56Page - OSRAM GmbH 4LS15K Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 52
Figure 75:
8-Bit Timing Clocks with ROI On for Readout Mode 2-To-1
Parameters
Clocks
Readout Data
304
Readout Time
334
FCT
335
MTA => Line Rate
335 => 238.8 kHz
DTI
112
Max Integration Time
223 => 2787.5 ns
Minimum LVALLow_Period
31
For 4-To-1 mode:
●
Start Region of Interest Register Segment A = 0x8F = 143d
●
Start Region of Interest Register Segment B = 0x00
●
End Region of interest Register Segment A = 0xA0 = 160d
●
End Region of Interest Register Segment B = 0x11 = 17d
������������������������ = ((160 − 123) + 1) × (4 × 4)) = 288 ������������������������������������
������������������������������������������ ������������������������ = 288 + 38 = 326 ������������������������������������
������������������������ ������������������������������������������������������������������������������������ = 1 × 2 × 288 = 576 ������������������������������������
Figure 76:
8-Bit Timing Clocks with ROI On for Readout Mode 4-To-1
Parameters
Clocks
Readout Data
208
Readout Time
326
FCT
335
MTA => Line Rate
335 => 238.8 kHz
DTI
112
Max Integration Time
223 => 2787.5 ns
Minimum LVALLow_Period
47
7.12
Anti-Corona Circuitry
“Corona effect” is a phenomenon sometimes observed under heavy overexposure condition when the
most exposed pixels start to become dark again instead of white. This condition can be detected by a
special circuitry and saturated pixels are then clamped to the white reference value, before A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com