Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 66 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 66 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 62Page - OSRAM GmbH 4LS15K Datasheet HTML 63Page - OSRAM GmbH 4LS15K Datasheet HTML 64Page - OSRAM GmbH 4LS15K Datasheet HTML 65Page - OSRAM GmbH 4LS15K Datasheet HTML 66Page - OSRAM GmbH 4LS15K Datasheet HTML 67Page - OSRAM GmbH 4LS15K Datasheet HTML 68Page - OSRAM GmbH 4LS15K Datasheet HTML 69Page - OSRAM GmbH 4LS15K Datasheet HTML 70Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 65
9.1.9
Companding Threshold 2 Register (Address 0x08)
Figure 99:
CT2Reg
Address: 0x08
Default Value: 0x80
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Companding
Threshold 2
10000000b
It defines, in companding mode, the second
ADC step.
9.1.10
Companding Threshold 3 Register (Address 0x09)
Figure 100:
CT3Reg
Address: 0x09
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
Companding
Threshold 3
00000000b
It defines, in companding mode, the third
ADC step.
9.1.11
End of Range Register (Address 0x0A)
Figure 101:
EORReg
Address: 0x0A
Default Value: 0xFF
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:0
End of Range Level
11111111b
It defines the digital level for the ADC
conversion.
This register sets the value for the end of range for the ADC, or the highest value the ADC will
compute. It is with this value that the conversion time for the ADC is defined. Since the ADC is 12-bit
and the register only holds 8-bit, the register holds the 8 MSB from a 12-bit word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com