Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 87 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 87 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 83Page - OSRAM GmbH 4LS15K Datasheet HTML 84Page - OSRAM GmbH 4LS15K Datasheet HTML 85Page - OSRAM GmbH 4LS15K Datasheet HTML 86Page - OSRAM GmbH 4LS15K Datasheet HTML 87Page - OSRAM GmbH 4LS15K Datasheet HTML 88Page - OSRAM GmbH 4LS15K Datasheet HTML 89Page - OSRAM GmbH 4LS15K Datasheet HTML 90Page - OSRAM GmbH 4LS15K Datasheet HTML 91Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 115 page
background image
Document Feedback
4LS
Pin Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 86
Figure 139:
Connector 4 Pinout(1)
Pin Number
Pin Name
Pin Number
Pin Name
1
Dig_IO
2
FORCE_UPDATE_TOP_L2
3
Dig_IO
4
Dig_IO
5
Dig_IO
6
Dig_IO
7
Dig_IO
8
Dig_IO
9
TOP_ALL(DEF)_MISO
10
TOP_F_LVAL
11
TOP_F_N_CS
12
3.3V_ANALOGUE
13
3.3V_ANALOGUE
14
3.3V_ANALOGUE
15
3.3V_ANALOGUE
16
3.3V_ANALOGUE
17
TOP_F_LVDS_4_L2+
18
TOP_F_LVDS_4_L2-
19
VSS
20
VSS
21
TOP_F_LVDS_3_L2+
22
TOP_F_LVDS_3_L2-
23
VSS
24
VSS
25
TOP_F_LVDS_2_L2+
26
TOP_F_LVDS_2_L2-
27
1.8V_Digital
28
1.8V_Digital
29
TOP_F_LVDS_1_L2+
30
TOP_F_LVDS_1_L2-
31
1.8V_Digital
32
1.8V_Digital
33
TOP_F_DATA_CLK+
34
TOP_F_DATA_CLK-
35
VSS
36
VSS
37
TOP_F_LVDS_4_L1+
38
TOP_F_LVDS_4_L1-
39
VSS
40
VSS
41
TOP_F_LVDS_3_L1+
42
TOP_F_LVDS_3_L1-
43
1.8V_Digital
44
1.8V_Digital
45
TOP_F_LVDS_2_L1+
46
TOP_F_LVDS_2_L1-
47
1.8V_Digital
48
1.8V_Digital
49
TOP_F_LVDS_1_L1+
50
TOP_F_LVDS_1_L1-
51
VSS
52
VSS
53
TOP_E_N_CS
54
TOP_E_LVAL
55
VSS
56
VSS
57
TOP_E_LVDS_4_L2+
58
TOP_E_LVDS_4_L2-
59
VSS
60
VSS
61
TOP_E_LVDS_3_L2+
62
TOP_E_LVDS_3_L2-
63
1.8V_Digital
64
1.8V_Digital
65
TOP_E_LVDS_2_L2+
66
TOP_E_LVDS_2_L2-
67
1.8V_Digital
68
1.8V_Digital
69
TOP_E_LVDS_1_L2+
70
TOP_E_LVDS_1_L2-
71
1.8V_Digital
72
1.8V_Digital
73
TOP_E_DATA_CLK+
74
TOP_E_DATA_CLK-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com