Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 11 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 7Page - OSRAM GmbH 4LS15K Datasheet HTML 8Page - OSRAM GmbH 4LS15K Datasheet HTML 9Page - OSRAM GmbH 4LS15K Datasheet HTML 10Page - OSRAM GmbH 4LS15K Datasheet HTML 11Page - OSRAM GmbH 4LS15K Datasheet HTML 12Page - OSRAM GmbH 4LS15K Datasheet HTML 13Page - OSRAM GmbH 4LS15K Datasheet HTML 14Page - OSRAM GmbH 4LS15K Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
Document Feedback
4LS
Ordering Information
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 10
2
Ordering Information
Part #
Ordering
Code
Package
Chroma
Delivery
Form
Delivery
Quantity
Status
508030006
4LS15K-5CIA
Invar
RGB +
Monochrome
Tray
2 pcs/tray
Released
507830006
4LS15K-5MIA
Invar
Monochrome
Tray
2 pcs/tray
Released
508080005
4LS10K-5CIA
Invar
RGB +
Monochrome
Tray
2 pcs/tray
Released
508070005
4LS10K-5MIA
Invar
Monochrome
Tray
2 pcs/tray
Released
508120002
4LS5K-5CIA
Invar
RGB +
Monochrome
Tray
4 pcs/tray
Released
507830007
4LS5K-5MIA
Invar
Monochrome
Tray
4 pcs/tray
Released
Figure 12:
Ordering Code Scheme
Product Family
Resolution
Silicon Version
Chroma
Package
Glass Type
4LS
15K /10K / 5K
5
C
– RGB + Monochrome
M
– Monochrome
I = Invar
A = double sided anti-
reflective coating
4 L S 1 5 K - 5 C I A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com