Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 86 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 86 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 82Page - OSRAM GmbH 4LS15K Datasheet HTML 83Page - OSRAM GmbH 4LS15K Datasheet HTML 84Page - OSRAM GmbH 4LS15K Datasheet HTML 85Page - OSRAM GmbH 4LS15K Datasheet HTML 86Page - OSRAM GmbH 4LS15K Datasheet HTML 87Page - OSRAM GmbH 4LS15K Datasheet HTML 88Page - OSRAM GmbH 4LS15K Datasheet HTML 89Page - OSRAM GmbH 4LS15K Datasheet HTML 90Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 115 page
background image
Document Feedback
4LS
Pin Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 85
Pin Number
Pin Name
Pin Number
Pin Name
75
VSS
76
VSS
77
BOTTOM_E_LVDS_4_L1-
78
BOTTOM_E_LVDS_4_L1+
79
VSS
80
VSS
81
BOTTOM_E_LVDS_3_L1-
82
BOTTOM_E_LVDS_3_L1+
83
VSS
84
VSS
85
BOTTOM_E_LVDS_2_L1-
86
BOTTOM_E_LVDS_2_L1+
87
VSS
88
VSS
89
BOTTOM_E_LVDS_1_L1-
90
BOTTOM_E_LVDS_1_L1+
91
3.3V_ANALOGUE
92
3.3V_ANALOGUE
93
3.3V_ANALOGUE
94
3.3V_ANALOGUE
95
3.3V_ANALOGUE
96
BOTTOM_D_LVAL
97
3.3V_ANALOGUE
98
BOTTOM_D_N_CS
99
BOTTOM_D_LVDS_4_L2-
100
BOTTOM_D_LVDS_4_L2+
101
VSS
102
VSS
103
BOTTOM_D_LVDS_3_L2-
104
BOTTOM_D_LVDS_3_L2+
105
1.8V_Digital
106
1.8V_Digital
107
BOTTOM_D_LVDS_2_L2-
108
BOTTOM_D_LVDS_2_L2+
109
VSS
110
VSS
111
BOTTOM_D_LVDS_1_L2-
112
BOTTOM_D_LVDS_1_L2+
113
1.8V_Digital
114
1.8V_Digital
115
BOTTOM_D_DATA_CLK-
116
BOTTOM_D_DATA_CLK+
117
VSS
118
VSS
119
BOTTOM_D_LVDS_4_L1-
120
BOTTOM_D_LVDS_4_L1+
121
1.8V_Digital
122
1.8V_Digital
123
BOTTOM_D_LVDS_3_L1-
124
BOTTOM_D_LVDS_3_L1+
125
VSS
126
VSS
127
BOTTOM_D_LVDS_2_L1-
128
BOTTOM_D_LVDS_2_L1+
129
1.8V_Digital
130
1.8V_Digital
131
BOTTOM_D_LVDS_1_L1-
132
BOTTOM_D_LVDS_1_L1+
133
VSS
134
VSS (connected Dig_IO pin)
135
3.3V_ANALOGUE
136
Dig_IO
137
3.3V_ANALOGUE
138
Dig_IO
139
3.3V_ANALOGUE
140
Dig_IO
(1)
Dig_IO
→ Not connected to the silicon. For FPGA debug test point purposes.
(2)
Leave floating or connected to 1.8 V.
(3)
Leave floating or connected to VSS.
(4)
Leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com