Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 16 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 12Page - OSRAM GmbH 4LS15K Datasheet HTML 13Page - OSRAM GmbH 4LS15K Datasheet HTML 14Page - OSRAM GmbH 4LS15K Datasheet HTML 15Page - OSRAM GmbH 4LS15K Datasheet HTML 16Page - OSRAM GmbH 4LS15K Datasheet HTML 17Page - OSRAM GmbH 4LS15K Datasheet HTML 18Page - OSRAM GmbH 4LS15K Datasheet HTML 19Page - OSRAM GmbH 4LS15K Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
Document Feedback
4LS
Electrical Characteristics
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tslew, rising
Output slew rate of
rising edge
250
750
ps
Tslew, falling
Output slew rate of
falling edge
250
750
ps
VODiff
Differential output
voltage
80
350
mV
Characteristics for CMOS-LVTTL Outputs
VOL
Low level output
Voltage
0
0.6
V
VOH
High level output
voltage
VDDIO-0.6
VDDIO+0.3
V
Tslew, rising
Output slew rate of
rising edge
2
10
ns
Tslew, falling
Output slew rate of
falling edge
2
10
ns
Characteristics for CMOS-LVTTL Inputs
VIL
Low level input voltage
0
0.6
V
VIH
High level input voltage
VDDIO-0.6
VDDIO+0.3
V
Tslew, rising
Input slew rate of rising
edge
0
½ MCLK
ns
Tslew, falling
Input slew rate of
falling edge
0
½ MCLK
ns
TSetup
Setup time
2
ns
THold
Hold time
4
ns
Power Consumption (1)(2)
P15K-12-bit-1-To-1
Sensor power
consumption for the
MCLK frequencies
12-bit @
60 MHz
9.49
11
W
P10K-12-bit-1-To-1
6.36
7.4
W
P5K-12-bit-1-To-1
3.16
3.67
W
P15K-8-bit-1-To-1
8-bit @
80 MHz
9.63
11.5
W
P10K-8-bit-1-To-1
6.45
7.7
W
P5K-8-bit-1-To-1
3.21
3.85
W
PIDLE
(3)
0.03
0.15
W
(1)
Typical power values, the sensor temperature is approximately at 60 ºC.
(2)
Maximum power values considers the sensor working at the maximum line rate for at maximum temperature of 85 ºC.
(3)
Idle mode considers the sensor working after the power up of all powers, with all the sensor lines in reset.
When designing the power supply system regulators for 4LS VDDA and VDDD voltages, please take
in consideration the below respective recommended values for the current, IVDDA and IVDDD. It is given a
safe margin to not be close the minimum required.
4LS15K: IVDDD
≥ 2 A and IVDDA ≥ 3 A
4LS10K: IVDDD
≥ 1.5 A and IVDDA ≥ 2.5 A
4LS5K: IVDDD
≥ 1 A and IVDDA ≥ 2 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com