Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 61 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 61 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 57Page - OSRAM GmbH 4LS15K Datasheet HTML 58Page - OSRAM GmbH 4LS15K Datasheet HTML 59Page - OSRAM GmbH 4LS15K Datasheet HTML 60Page - OSRAM GmbH 4LS15K Datasheet HTML 61Page - OSRAM GmbH 4LS15K Datasheet HTML 62Page - OSRAM GmbH 4LS15K Datasheet HTML 63Page - OSRAM GmbH 4LS15K Datasheet HTML 64Page - OSRAM GmbH 4LS15K Datasheet HTML 65Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 60
9
Register Description
The registers are responsible for the static control of the CIS. They are used to set operating values
and define states/modes for the sensor. They can also be used to test the sensor, for instance, set
dedicated values to the LVDS outputs. Section 9.1 shows the default register setting.
9.1
Detailed Register Description
9.1.1
Chip Revision Register (Address 0x00)
Figure 90:
CRReg
Address: 0x00
Default Value: 0x02
Access: Read Only
Bit
Bit Name
Default
Bit Description
0:7
Revision(1)
00000010b
CIS chip revision
(1)
The content of this register can only be modified by metal mask redesign.
9.1.2
Status 1 Register (Address 0x01)
Figure 91:
STS1Reg
Address: 0x01
Default Value: 0x85
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:7
ROI(1)
1b
When set to '1' the ROI is active.
6:6
Anti-corona
0b
When set to '1' enables the anti-corona
circuitry.
5:5
Companding Mode
0b
When set to '1' enables the A/D conversion
to companding mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com