Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 26 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 22Page - OSRAM GmbH 4LS15K Datasheet HTML 23Page - OSRAM GmbH 4LS15K Datasheet HTML 24Page - OSRAM GmbH 4LS15K Datasheet HTML 25Page - OSRAM GmbH 4LS15K Datasheet HTML 26Page - OSRAM GmbH 4LS15K Datasheet HTML 27Page - OSRAM GmbH 4LS15K Datasheet HTML 28Page - OSRAM GmbH 4LS15K Datasheet HTML 29Page - OSRAM GmbH 4LS15K Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 25
Figure 32:
4LS Pipeline Overview
Regarding the output mode, it is possible to select between two different modes: 12-bit and 8-bit
serialization. It is also possible to select between different readout modes: 1-To-1, 2-To-1 and 4-To-1,
which allows output multiplexing.
7.2
Startup Sequence
During power up or power down, no signal on any pin shall exceed VDDIO by more than 0.3 V (except
for VDDA).
The VDDxx must never be allowed to exceed the VDDA supply by more than 0.5 V during power-up.
Therefore, the VDDA supply should always be higher than the lower voltage supply.
The main clock (MCLK) shall remain low for at least 1 µs after all powers have reached their final
values.
The global reset for the PLL, N_RST_PLL, shall remain low for at least 1 µs after MCLK had started.
The global reset for the logic, N_RST_LOGIC, shall remain low for at least 10 µs after the reset of the
PLL was released.
Figure 33 shows an example for the power on sequence where the times to be guarded are present.
Reset
CVC
Reset
CDS
Integration I
Reset
CVC
Reset
CDS
Integration I+1
Reset
CVC
Reset
CDS
Integration I+2
Conversion I
Conversion I+1
Sample
Sample
St art AD
St art AD
St art
Readout
Readout I
Scan I (4 Lines)
Scan I+1 (4 Lines)
Scan I+2 (4 Lines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com