Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 17 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 13Page - OSRAM GmbH 4LS15K Datasheet HTML 14Page - OSRAM GmbH 4LS15K Datasheet HTML 15Page - OSRAM GmbH 4LS15K Datasheet HTML 16Page - OSRAM GmbH 4LS15K Datasheet HTML 17Page - OSRAM GmbH 4LS15K Datasheet HTML 18Page - OSRAM GmbH 4LS15K Datasheet HTML 19Page - OSRAM GmbH 4LS15K Datasheet HTML 20Page - OSRAM GmbH 4LS15K Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
Document Feedback
4LS
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 16
6
Typical Operating Characteristics
6.1
Electro-Optical Characteristics
Below are the typical electro-optical specifications of 4LS.
Figure 18:
Optical Characteristics of 4LS
Parameter
Value
Remark
Pixel size
5.6 x 5.6 µm2
Pixel pitch x
5.6 µm
Distance from the center of a pixel to the
center of the adjacent pixel (horizontal axis)
Pixel pitch y
11.2 µm
Distance from the center of a pixel to the
center of the adjacent pixel (vertical axis)
Pixel type
Global shutter
Low noise pixel with true CDS
Shutter type
Pipelined global shutter
Exposure of next image during readout of the
previous image
Number of accessible pixels per line
N x 2576 pixels
N = 2, 4 or 6 pending on the variant
Number of light sensitive pixels per line
(N x 2576
– 32) pixels
Total number of pixels of a line minus 32
electrical black pixels
Fill factor
95%
Full well capacity (FWC)
10/20/40ke-
Range adjusted over CVC, CDS gain, ADC
mode and ADC ramp
Line Rate 12-bit transmission mode
80 k Lines/s
Maximum MCLK = 60 MHz
Line Rate 8-bit transmission mode
119 kLines/s
238 kLines/s
Maximum MCLK = 80 MHz
Using ROI feature for 4LS5K @ 80 MHz(1)
Integration time
1
μs
Minimum value
Down Time for Integration (DTI)(2)
1
μs + 8 x T
MCLK @ 12-bit
1.25
μs + 12 x T
MCLK @ 8-bit
Minimum values for 12-bit@60MHz and 8-
bit@80MHz
1
μs and 1.25 μs are the time between rising
and falling edge of RST_CDS
Additional TMCLK pulses are between falling
edge SAMPLE and rising edge RST_CDS
ADC resolution
12-bit or 8-bit
Adjusted in accordance with the line rate and
transmission mode
Color filters
Optional
RGB + Mono
Sensor planarity
30 µm
Cover glass
D263Teco
(1)
4LS5K main feature, due to reduced readout resolution. For more details, please check section 7.11.5.
(2)
Please check Section 7.11.1 for more detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com