Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 78 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 78 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 74Page - OSRAM GmbH 4LS15K Datasheet HTML 75Page - OSRAM GmbH 4LS15K Datasheet HTML 76Page - OSRAM GmbH 4LS15K Datasheet HTML 77Page - OSRAM GmbH 4LS15K Datasheet HTML 78Page - OSRAM GmbH 4LS15K Datasheet HTML 79Page - OSRAM GmbH 4LS15K Datasheet HTML 80Page - OSRAM GmbH 4LS15K Datasheet HTML 81Page - OSRAM GmbH 4LS15K Datasheet HTML 82Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 77
9.1.32
Status 6 Register (Address 0x1F)
Figure 132:
STS6Reg
Address: 0x1F
Default Value: 0x05
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:7
Slow Clock ON
0b
Internal Debug Purposes
Use default value.
6:6
Ramp Buff Half
Current
0b
When set to ‘1’ reduces the Ramp buffer
current to half.
5:4
VREF CVC Trimming
00b
Defines the VREF voltage to be used on
all CVC on the sensor.
3:3
RAMP Connection
between Segments
0b
When set to ‘1’ ramps reconnected
segments, connecting ramp L1 with
ramp L2 and then they are connected
between each segment.
2:2
Enable Boost VREF
CVC Buffer
1b
Enables a higher output current on
VREF CVC buffer.
1:1
Enable Pre-charge
over SRAM
0b
Internal Debug Purposes
Use default value.
0:0
ADC Response
Stabilization
1b
When set to '1' the ramp have more time
to stabilize before start the A/D
conversion.
Figure 133:
VREF CVC Trimming
Bit 1
Bit 0
Vref CVC Trimming [V]
0
0
1.1 V
0
1
1.2 V
1
0
1.3 V
1
1
1.4 V
9.2
Register Mapping
The figure below shows the mapping of all registers (default values) on a 2K5 segment, being
applicable for the remaining segments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com