Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS15K Datasheet(PDF) 39 Page - OSRAM GmbH

Part # 4LS15K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS15K Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button 4LS15K Datasheet HTML 35Page - OSRAM GmbH 4LS15K Datasheet HTML 36Page - OSRAM GmbH 4LS15K Datasheet HTML 37Page - OSRAM GmbH 4LS15K Datasheet HTML 38Page - OSRAM GmbH 4LS15K Datasheet HTML 39Page - OSRAM GmbH 4LS15K Datasheet HTML 40Page - OSRAM GmbH 4LS15K Datasheet HTML 41Page - OSRAM GmbH 4LS15K Datasheet HTML 42Page - OSRAM GmbH 4LS15K Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 38
Figure 53:
Readout Sequence for 12-Bit Transmission Mode
Figure 54:
Three Consecutive Words Readout for 8-Bit Mode
Figure 55:
Two Consecutive Words Readout for 12-Bit Mode
B11TA B10TA
B1TA
B0TA B11TB B10TB
B1TB
B0TB B11D1 B10D1
B0D1 B11D2
B1D2576 B0D2576
B11TA B10TA
B1TA
B0TA B11TB B10TB
B1TB
B0TB B11D1 B10D1
B0D1 B11D2
B1D2576 B0D2576
data_clock DDR
LVDS_TAP_A1R
LVDS_TAP_A1G
data_clock internal
MCLK@60MHz
LVAL
START READOUT
Repeated:
1-TO-1
→11 times
2-TO-1
→13 times
4-TO-1
→17 times
Training Seq. Word B
Training Seq. Word A
B11TA B10TA
B1TA
B0TA B11TB B10TB
B1TB
B0TB
B11TA B10TA
B1TA
B0TA B11TB B10TB
B1TB
B0TB
Training Seq. Word B
Training Seq. Word A
4/2/1-TO-1
→1 time
VTS
data_clock DDR
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
LVDS_TAP_A1C
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
data_clock internal
MCLK@80MHz
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
LVDS_TAP_A1R
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
LVDS_TAP_A1G
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
LVDS_TAP_A1B
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8 BIT Resolution Transmission
data_clock DDR
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
LVDS_TAP_A1C
Bit 9
Bit 8
Bit 11
Bit 10
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
data_clock internal
MCLK@60MHz
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
LVDS_TAP_A1R
Bit 9
Bit 8
Bit 11
Bit 10
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
LVDS_TAP_A1G
Bit 9
Bit 8
Bit 11
Bit 10
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
LVDS_TAP_A1B
Bit 9
Bit 8
Bit 11
Bit 10
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
12 BIT Resolution Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com