Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 28Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 29Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 30Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 31Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 32Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 33Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 34Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 35Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
AD9516-0
Rev. 0 | Page 32 of 84
PROGRAMMABLE
N DELAY
REFIN (REF1)
REFIN (REF2)
CLK
CLK
REF1
REF2
AD9516-0
STATUS
STATUS
R
DIVIDER
VCO STATUS
PROGRAMMABLE
R DELAY
REFERENCE
SWITCHOVER
REF_SEL
CPRSET VCP
VS
GND
RSET
DISTRIBUTION
REFERENCE
REFMON
CP
STATUS
LD
P, P + 1
PRESCALER
A/B
COUNTERS
N DIVIDER
BYPASS
LF
LOW DROPOUT
REGULATOR (LDO)
VCO
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
HOLD
OUT0
OUT1
OUT0
OUT1
LVPECL
DIVIDE BY
1 TO 32
OUT2
OUT3
OUT2
OUT3
LVPECL
DIVIDE BY
1 TO 32
OUT4
OUT5
OUT4
OUT5
LVPECL
DIVIDE BY
1 TO 32
DIVIDE BY
1 TO 32
LVDS/CMOS
OUT6 (OUT6A)
OUT6 (OUT6B)
ΔT
OUT7 (OUT7A)
OUT7 (OUT7B)
ΔT
DIVIDE BY
1 TO 32
DIVIDE BY
1 TO 32
LVDS/CMOS
OUT8 (OUT8A)
OUT8 (OUT8B)
ΔT
OUT9 (OUT9A)
OUT9 (OUT9B)
ΔT
DIVIDE BY
1 TO 32
0
1
DIVIDE BY
2, 3, 4, 5, OR 6
PD
SYNC
RESET
SCLK
SDIO
SDO
CS
DIGITAL
LOGIC
SERIAL
CONTROL
PORT
Figure 44. Clock Distribution or External VCO <1600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com