Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 59Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 60Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 61Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 62Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 63Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 64Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 65Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 66Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
AD9516-0
Rev. 0 | Page 63 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
<7>
<6> <5> <4>
<3>
<2>
Level or
Dynamic
Signal
Signal at STATUS Pin
1
1
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
1
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
1
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).
1
1
0
1
0
0
DYN
Unselected reference to PLL (not available when in
differential mode).
1
1
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active low.
1
1
0
1
1
0
LVL
Status of unselected reference (not available in differential
mode); active low.
1
1
0
1
1
1
LVL
Status of REF1 frequency (active low).
1
1
1
0
0
0
LVL
Status of REF2 frequency (active low).
1
1
1
0
0
1
LVL
(Status of REF1 frequency) AND (Status of REF2 frequency).
1
1
1
0
1
0
LVL
(DLD) AND (Status of selected reference) AND (Status of VCO).
1
1
1
0
1
1
LVL
Status of VCO Frequency (active low).
1
1
1
1
0
0
LVL
Selected reference (Low = REF2, High = REF1).
1
1
1
1
0
1
LVL
Digital lock detect (DLD) (active low).
1
1
1
1
1
0
LVL
Holdover active (active low).
1
1
1
1
1
1
LVL
LD pin comparator output (active low).
17
<1:0> Antibacklash <1>
<0>
Antibacklash Pulse Width (ns)
Pulse Width 0
0
2.9
0
1
1.3
1
0
6.0
1
1
2.9
18
<6:5> Lock Detect
Counter
Required consecutive number of PFD cycles with edges inside lock detect window before the DLD indicates
a locked condition.
<6>
<5>
PFD Cycles to Determine Lock
0
0
5
0
1
16
1
0
64
1
1
255
18
<4>
Digital Lock
Detect
If the time difference of the rising edges at the inputs to the PFD are less than the lock detect window time, the
digital lock detect flag is set. The flag remains set until the time difference is greater than the loss-of-lock threshold.
Window
<4> = 0; high range.
<4> = 1; low range.
18
<3>
Disable
Digital lock detect operation.
Digital
<3> = 0; normal lock detect operation.
Lock Detect <3> = 1; disable lock detect.
18
<2:1> VCO Cal
VCO Calibration Divider. Divider used to generate the VCO calibration clock from the PLL reference clock.
Divider
<2>
<1>
VCO Calibration Clock Divider
0
0
2
0
1
4
1
0
8
1
1
16 (default)
18
<0>
VCO Cal
Now
Bit used to initiate the VCO calibration. This bit must be toggled from 0 to 1 in the active registers. The sequence
to initiate a calibration is: program to a 0, followed by an update bit (Register 0x232<0>); then programmed to
1, followed by another update bit (Register 0x232<0>). This sequence gives complete control over when the
VCO calibration occurs relative to the programming of other registers that can impact the calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com