Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 18Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 19Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 20Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 21Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 22Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 23Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 24Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 25Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
AD9516-0
Rev. 0 | Page 22 of 84
1600
800
1000
1200
1400
03
2
1
FREQUENCY (GHz)
Figure 25. LVPECL Differential Swing vs. Frequency
700
500
600
0800
700
600
500
400
300
200
100
FREQUENCY (MHz)
500
400
300
200
100
OUTPUT FREQUENCY (MHz)
Figure 26. LVDS Differential Swing vs. Frequency
3
2
1
0
0600
CL = 2pF
CL = 10pF
CL = 20pF
Figure 27. CMOS Output Swing vs. Frequency and Capacitive Load
–70
–80
–90
–100
–110
–120
–130
–140
–160
–150
10k
100M
10M
1M
100k
FREQUENCY (Hz)
Figure 28. Internal VCO Phase Noise (Absolute) Direct to LVPECL @ 2950 MHz
–80
–90
–100
–110
–120
–130
–140
–150
10k
100M
10M
1M
100k
FREQUENCY (Hz)
Figure 29. Internal VCO Phase Noise (Absolute) Direct to LVPECL @ 2750 MHz
–80
–90
–100
–110
–120
–130
–140
–150
10k
100M
10M
1M
100k
FREQUENCY (Hz)
Figure 30. Internal VCO Phase Noise (Absolute) Direct to LVPECL @ 2550 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com