Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 66Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 67Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 68Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 69Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 70Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 71Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 72Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 73Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
AD9516-0
Rev. 0 | Page 70 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
AA
<5:3> OUT9 Ramp
Capacitors
Selects the number of ramp capacitors used by the delay function. The combination of the number of
capacitors and the ramp current sets the delay full scale.
<5> <4> <3> Number of Capacitors
0
0
0
4
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1
AA
<2:0> OUT9 Ramp
Current
Ramp current for the delay function. The combination of the number of capacitors and the ramp
current sets the delay full scale.
<2> <1> <0> Current Value (μA)
0
0
0
200
0
0
1
400
0
1
0
600
0
1
1
800
1
0
0
1000
1
0
1
1200
1
1
0
1400
1
1
1
1600
AB
<5:0> OUT9 Delay
Fraction
Selects the fraction of the full-scale delay desired (6-bit binary).
000000 gives zero delay.
Only delay values up to 47 decimal (101111b; 0x2F) are supported.
Table 55. LVPECL Outputs
Reg.
Addr
(Hex) Bit(s) Name
Description
F0
<4>
OUT0 Invert
Sets the output polarity.
<4> = 0; noninverting.
<4> = 1; inverting.
F0
<3:2> OUT0 LVPECL Sets the LVPECL output differential voltage (VOD).
Differential
<3>
<2> VOD (mV)
Voltage
0
0
400
0
1
600
1
0
780
1
1
960
F0
<1:0> OUT0
LVPECL power-down modes.
Power-Down <1>
<0> Mode
Output
0
0
Normal operation.
On
0
1
Partial power-down, reference on; use only if there are no external load resistors.
Off
1
0
Partial power-down, reference on, safe LVPECL power-down.
Off
1
1
Total power-down, reference off; use only if there are no external load resistors.
Off
F1
<4>
OUT1 Invert
Sets the output polarity.
<4> = 0; noninverting.
<4> = 1; inverting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com