Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 3Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 4Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 5Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 6Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 7Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 8Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 9Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 10Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
AD9516-0
Rev. 0 | Page 7 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CMOS CLOCK OUTPUTS
OUT6A, OUT6B, OUT7A, OUT7B, OUT8A,
OUT8B, OUT9A, OUT9B
Single-ended; termination = 10 pF
Output Frequency
250
MHz
see Figure 27
Output Voltage High (VOH)
VS − 0.1
V
@ 1 mA load
Output Voltage Low (VOL)
0.1
V
@ 1 mA load
TIMING CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL
Termination = 50 Ω to VS − 2 V; level = 810 mV
Output Rise Time, tRP
70
180
ps
20% to 80%, measured differentially
Output Fall Time, tFP
70
180
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tPECL, CLK-TO-LVPECL OUTPUT
High Frequency Clock Distribution Configuration
835
995
1180
ps
See Figure 42
Clock Distribution Configuration
773
933
1090
ps
See Figure 44
Variation with Temperature
0.8
ps/°C
OUTPUT SKEW, LVPECL OUTPUTS1
LVPECL Outputs That Share the Same Divider
5
15
ps
LVPECL Outputs on Different Dividers
13
40
ps
All LVPECL Outputs Across Multiple Parts
220
ps
LVDS
Termination = 100 Ω differential; 3.5 mA
Output Rise Time, tRL
170
350
ps
20% to 80%, measured differentially2
Output Fall Time, tFL
160
350
ps
20% to 80%, measured differentially2
PROPAGATION DELAY, tLVDS, CLK-TO-LVDS OUTPUT
Delay off on all outputs
OUT6, OUT7, OUT8, OUT9
For All Divide Values
1.4
1.8
2.1
ns
Variation with Temperature
1.25
ps/°C
OUTPUT SKEW, LVDS OUTPUTS1
Delay off on all outputs
LVDS Outputs That Share the Same Divider
6
62
ps
LVDS Outputs on Different Dividers
25
150
ps
All LVDS Outputs Across Multiple Parts
430
ps
CMOS
Termination = open
Output Rise Time, tRC
495
1000
ps
20% to 80%; CLOAD = 10 pF
Output Fall Time, tFC
475
985
ps
80% to 20%; CLOAD = 10 pF
PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUTPUT
Fine delay off
For All Divide Values
1.6
2.1
2.6
ns
Variation with Temperature
2.6
ps/°C
OUTPUT SKEW, CMOS OUTPUTS1
Fine delay off
CMOS Outputs That Share the Same Divider
4
66
ps
All CMOS Outputs on Different Dividers
28
180
ps
All CMOS Outputs Across Multiple Parts
675
ps
DELAY ADJUST3
LVDS and CMOS
Shortest Delay Range4
0xA1 (0xA4) (0xA7) (0xAA) <5:0> 101111b
Zero Scale
50
315
680
ps
0xA2 (0xA5) (0xA8) (0xAB) <5:0> 000000b
Full Scale
540
880
1180
ps
0xA2 (0xA5) (0xA8) (0xAB) <5:0> 101111b
Longest Delay Range4
0xA1 (0xA4) (0xA7) (0xAA) <5:0> 000000b
Zero Scale
200
570
950
ps
0xA2 (0xA5) (0xA8) (0xAB) <5:0> 000000b
Quarter Scale
1.72
2.31
2.89
ns
0xA2 (0xA5) (0xA8) (0xAB) <5:0> 001100b
Full Scale
5.7
8.0
10.1
ns
0xA2 (0xA5) (0xA8) (0xAB) <5:0> 101111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com