Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 75Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 76Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 77Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 78Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 79Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 80Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 81Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 82Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
AD9516-0
Rev. 0 | Page 79 of 84
APPLICATION NOTES
USING THE AD9516 OUTPUTS FOR ADC CLOCK
APPLICATIONS
Any high speed, ADC is extremely sensitive to the quality of its
sampling clock. An ADC can be thought of as a sampling mixer,
and any noise, distortion, or timing jitter on the clock is
combined with the desired signal at the analog-to-digital
output. Clock integrity requirements scale with the analog input
frequency and resolution, with higher analog input frequency
applications at ≥14-bit resolution being the most stringent. The
theoretical SNR of an ADC is limited by the ADC resolution
and the jitter on the sampling clock. Considering an ideal ADC
of infinite resolution where the step size and quantization error
can be ignored, the available SNR can be expressed
approximately by
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
π
×
=
J
At
f
dB
SNR
2
1
log
20
)
(
where:
fA is the highest analog frequency being digitized.
tJ is the rms jitter on the sampling clock.
Figure 68 shows the required sampling clock jitter as a function
of the analog frequency and effective number of bits (ENOB).
fA (MHz)
10
1k
100
30
40
50
60
70
80
90
100
110
6
8
10
12
14
16
18
t
J
= 100f
S
200f
S
400f
S
1ps
2ps
10ps
SNR = 20log
1
2πfAtJ
Figure 68. SNR and ENOB vs. Analog Input Frequency
See AN-756 and AN-501 application notes at www.analog.com.
Many high performance ADCs feature differential clock inputs
to simplify the task of providing the required low jitter clock on
a noisy PCB. (Distributing a single-ended clock on a noisy PCB
can result in coupled noise on the sample clock. Differential
distribution has inherent common-mode rejection that can
provide superior clock performance in a noisy environment.)
The AD9516 features both LVPECL and LVDS outputs that
provide differential clock outputs, which enable clock solutions
that maximize converter SNR performance. The input
requirements of the ADC (differential or single-ended, logic
level, termination) should be considered when selecting the best
clocking/converter solution.
LVPECL CLOCK DISTRIBUTION
The LVPECL outputs of the AD9516 provide the lowest jitter
clock signals available from the AD9516. The LVPECL outputs
(because they are open emitter) require a dc termination to bias
the output transistors. The simplified equivalent circuit in
Figure 57 shows the LVPECL output stage.
In most applications, an LVPECL far-end Thevenin termination
is recommended, as shown in Figure 69. The resistor network is
designed to match the transmission line impedance (50 Ω) and
the switching threshold (VS − 1.3 V).
VS_LVPECL
LVPECL
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
VS
VS_LVPECL
LVPECL
127Ω
127Ω
83Ω
83Ω
VT = VS – 1.3V
Figure 69. LVPECL Far-End Thevenin Termination
VS_LVPECL
LVPECL
100Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VS_LVPECL
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
Figure 70. LVPECL with Parallel Transmission Line
LVDS CLOCK DISTRIBUTION
The AD9516 provides four clock outputs (OUT6 to OUT9) that
are selectable as either CMOS or LVDS level outputs. LVDS is a
differential output option that uses a current mode output stage.
The nominal current is 3.5 mA, which yields 350 mV output
swing across a 100 Ω resistor. The LVDS output meets or
exceeds all ANSI/TIA/EIA-644 specifications.
A recommended termination circuit for the LVDS outputs is
shown in Figure 71.
VS
LVDS
100Ω
DIFFERENTIAL (COUPLED)
VS
LVDS
100Ω
Figure 71. LVDS Output Termination
See AN-586 application note at www.analog.com for more
information on LVDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com