Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 7Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 8Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 9Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 10Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 11Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 12Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 13Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 14Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
AD9516-0
Rev. 0 | Page 11 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL = 61.44 MHz; PLL LBW = 125 Hz
124
fS rms
Integration BW = 200 kHz to 5 MHz
176
fS rms
Integration BW = 200 kHz to 10 MHz
259
fS rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER NOT USED)
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not
include PLL and VCO; rising edge of
clock signal
CLK = 622.08 MHz; LVPECL = 622.08 MHz; Divider = 1
40
fS rms
BW = 12 kHz to 20 MHz
CLK = 622.08 MHz; LVPECL = 155.52 MHz; Divider = 4
80
fS rms
BW = 12 kHz to 20 MHz
CLK = 1.6 GHz; LVPECL = 100 MHz; Divider = 16
215
fS rms
Calculated from SNR of ADC method.
DCC not used for even divides
CLK = 500 MHz; LVPECL = 100 MHz; Divider = 5
245
fS rms
Calculated from SNR of ADIC method.
DCC on
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not
include PLL and VCO; rising edge of
clock signal
CLK = 1.6 GHz; LVDS = 800 MHz; Divider = 2; VCO Divider Not Used
85
fS rms
BW = 12 kHz to 20 MHz
CLK = 1 GHz; LVDS = 200 MHz; Divider = 5
113
fS rms
BW = 12 kHz to 20 MHz
CLK = 1.6 GHz; LVDS= 100 MHz; Divider = 16
280
fS rms
Calculated from SNR of ADC method.
DCC not used for even divides
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not
include PLL and VCO; rising edge of
clock signal
CLK = 1.6 GHz; CMOS = 100 MHz; Divider = 16
365
fS rms
Calculated from SNR of ADC method.
DCC not used for even divides
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER USED)
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL and VCO;
uses rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; LVPECL = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
210
fS rms
Calculated from SNR of ADC method
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL and VCO;
Rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; LVDS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
285
fS rms
Calculated from SNR of ADC method
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL and VCO;
rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; CMOS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
350
fS rms
Calculated from SNR of ADC method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com