Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 48Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 49Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 50Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 51Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 52Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 53Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 54Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 55Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
AD9516-0
Rev. 0 | Page 52 of 84
SERIAL CONTROL PORT
The AD9516 serial control port is a flexible, synchronous, serial
communications port that allows an easy interface with many
industry-standard microcontrollers and microprocessors. The
AD9516 serial control port is compatible with most synchronous
transfer formats, including both the Motorola SPI® and Intel®
SSR® protocols. The serial control port allows read/write access
to all registers that configure the AD9516. Single or multiple
byte transfers are supported, as well as MSB first or LSB first
transfer formats. The AD9516 serial control port can be
configured for a single bidirectional I/O pin (SDIO only) or
for two unidirectional I/O pins (SDIO/SDO). By default, the
AD9516 is in bidirectional mode, long instruction (long
instruction is only instruction mode supported).
SERIAL CONTROL PORT PIN DESCRIPTIONS
SCLK (serial clock) is the serial shift clock. This pin is an input.
SCLK is used to synchronize serial control port reads and
writes. Write data bits are registered on the rising edge of this
clock, and read data bits are registered on the falling edge. This
pin is internally pulled down by a 30 kΩ resistor to ground.
SDIO (serial data input/output) is a dual-purpose pin and acts
as either an input only (unidirectional mode) or as both an
input/output (bidirectional mode). The AD9516 defaults to the
bidirectional I/O mode (0x00<7> = 0).
SDO (serial data out) is used only in the unidirectional I/O
mode (0x00<7>) as a separate output pin for reading back data.
CS (chip select bar) is an active low control that gates the read
and write cycles. When CS is high, SDO and SDIO are in a high
impedance state. This pin is internally pulled up by a 30 kΩ
resistor to VS.
AD9516-0
SERIAL
CONTROL
PORT
SCLK
16
CS
17
SDO
21
SDIO
22
Figure 60. Serial Control Port
GENERAL OPERATION OF SERIAL CONTROL PORT
A write or a read operation to the AD9516 is initiated by
pulling CS low.
CS stall high is supported in modes where three or fewer bytes
of data (plus instruction data) are transferred (see Table 47).
In these modes, CS can temporarily return high on any byte
boundary, allowing time for the system controller to process the
next byte. CS can go high on byte boundaries only and can go
high during either part (instruction or data) of the transfer.
During this period, the serial control port state machine enters
a wait state until all data is sent. If the system controller decides
to abort the transfer before all of the data is sent, the state machine
must be reset by either completing the remaining transfers or by
returning the CS low for at least one complete SCLK cycle (but
less than eight SCLK cycles). Raising the CS on a nonbyte
boundary terminates the serial transfer and flushes the buffer.
In the streaming mode (see Table 47), any number of data bytes
can be transferred in a continuous stream. The register address
is automatically incremented or decremented (see the MSB/LSB
First Transfers section). CS must be raised at the end of the last
byte to be transferred, thereby ending the stream mode.
Communication Cycle—Instruction Plus Data
There are two parts to a communication cycle with the AD9516.
The first writes a 16-bit instruction word into the AD9516,
coincident with the first 16 SCLK rising edges. The instruction
word provides the AD9516 serial control port with information
regarding the data transfer, which is the second part of the
communication cycle. The instruction word defines whether
the upcoming data transfer is a read or a write, the number of
bytes in the data transfer, and the starting register address for
the first byte of the data transfer.
Write
If the instruction word is for a write operation, the second part
is the transfer of data into the serial control port buffer of the
AD9516. Data bits are registered on the rising edge of SCLK.
The length of the transfer (1, 2, 3 bytes or streaming mode) is
indicated by two bits (W1:W0) in the instruction byte. When
the transfer is 1, 2, or 3 bytes, but not streaming, CS can be
raised after each sequence of eight bits to stall the bus (except
after the last byte, where it ends the cycle). When the bus is
stalled, the serial transfer resumes when CS is lowered. Raising CS
on a nonbyte boundary resets the serial control port. During a
write, streaming mode does not skip over reserved or blank
registers; therefore, the user must know what bit pattern to
write to the reserved registers to preserve proper operation of
the part. It does not matter what data is written to blank registers.
Because data is written into a serial control port buffer area, not
directly into the actual control registers of the AD9516, an
additional operation is needed to transfer the serial control port
buffer contents to the actual control registers of the AD9516,
thereby causing them to become active. The update registers
operation consists of setting 0x232<0> = 1b (this bit is self-
clearing). Any number of bytes of data can be changed before
executing an update registers. The update registers simultaneously
actuates all register changes that have been written to the buffer
since any previous update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com