Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 16Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 17Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 18Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 19Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 20Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 21Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 22Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 23Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
AD9516-0
Rev. 0 | Page 20 of 84
–140
–145
–150
–155
–160
–165
–170
0.1
1
100
10
PFD FREQUENCY (MHz)
Figure 13. PFD Phase Noise Referred to PFD Input vs. PFD Frequency
–210
–224
–222
–220
–218
–216
–214
–212
02.5
2.0
1.5
1.0
0.5
SLEW RATE (V/ns)
Figure 14. PLL Figure of Merit (FOM) vs. Slew Rate at REFIN/REFIN
2.1
1.9
1.7
1.5
1.3
1.1
0.9
2.55
2.95
2.90
2.85
2.80
2.75
2.70
2.65
2.60
FREQUENCY (GHz)
Figure 15. VCO Tuning Voltage vs. Frequency
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.88MHz
SPAN 50MHz
5MHz/DIV
Figure 16. PFD/CP Spurs; 122.88 MHz; PFD = 15.36 MHz;
LBW = 190 kHz; ICP = 4.2 mA; FVCO = 2.7 GHz
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.8803006MHz
SPAN 1MHz
100kHz/DIV
Figure 17. Output Spectrum, LVPECL; 122.88 MHz; PFD = 15.36 MHz;
LBW = 190 kHz; ICP = 4.2 mA; FVCO = 2.7 GHz
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
0
CENTER 122.8803006MHz
SPAN 1MHz
100kHz/DIV
Figure 18. Output Spectrum, LVDS; 122.88 MHz; PFD = 15.36 MHz;
LBW = 190 kHz; ICP = 4.2 mA; FVCO = 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com